Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H0305S-1WR2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part No. H0305S-1WR2
Description  Reinforced insulation
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MORNSUN [MORNSUN Science& Technology Ltd.]
Homepage  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

H0305S-1WR2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  H0305S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. H0305S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. H0305S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. H0305S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. H0305S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC/DC Converter
G_S-1WR2 & H_S-1WR2 Series
2016.11.02-A/3
Page 2 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (no-load/full load)
3.3V input
--
45/426
70/--
mA
5V input
--
35/274
60/--
12V input
--
15/114
40/--
15V input
--
18/93
40/--
24V input
--
10/56
25/--
Surge Voltage (1sec. max.)
3.3V input
-0.7
--
7
VDC
5V input
-0.7
--
9
12V input
-0.7
--
18
15V input
-0.7
--
21
24V input
-0.7
--
30
Reflected Ripple Current*
--
0.2
--
A
Input Filter
Capacitor filter
Hot Plug
Unavailable
Note: *Reflected ripple current testing method please see DC-DC Converter Application Notes for specific operation.
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope curve (Fig. 1)
Line Regulation
Input voltage change: ±1%
3.3V output
--
--
±1.5
--
Others
--
--
±1.2
Load Regulation
10%-100% load
3.3V/5V output
--
--
20
%
Others
--
--
15
Ripple & Noise*
20MHz bandwidth
3.3V output
--
80
150
mVp-p
Others
--
70
120
Temperature Drift Coefficient
100% full load
--
±0.02
--
%/℃
Output Short Circuit Protection**
--
--
3
s
Note: *Ripple and noise tested with “parallel cable” method, please see DC-DC Converter Application Notes for specific operation methods.
**Supply voltage must be discontinued at the end of short circuit duration which less than 3s.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Insulation Voltage
Input-output, with the test time of 1 minute
4200
--
--
VAC
6000
--
--
VDC
Patient Leakage Current
250VAC,50/60Hz
--
--
2
µA
Insulation Resistance
Input-output, isolation voltage 500VDC
1000
--
--
Isolation Capacitance
Input-output, 100KHz/0.1V
--
5
--
pF
Operating Temperature
-40
--
85
Storage Temperature
-55
--
125
Casing Temperature Rise
Ta=25℃
--
25
--
Pin Welding Resistance
Temperature
Welding spot is 1.5mm away from the casing, 10 seconds
--
--
300
Storage Humidity
Non-condensing
--
--
95
%RH
Switching Frequency
100% load, nominal input voltage
--
100
--
KHz
MTBF
MIL-HDBK-217F@25℃
3500
--
--
K hours
Transformer Creepage
5
--
--
mm
Transformer Clearance
5
--
--
PCB Creepage & Clearance
5.5
--
--
Note:1. Patient leakage current and reinforced insulation is based on a 250 VAC, 50/60 Hz system input voltage.
2. The UL certification (ANSI/AAMI ES60601-1, File No. E347375) of G_S-1WR2 & H_S-1WR2 series is approved, G_S-1WR2 & H_S-1WR2 series meets
1xMOPP/2xMOOP when system input voltage is with 250VAC , 50/60Hz.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn