Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14015BDG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14015BDG
Description  Dual 4-Bit Static Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14015BDG Datasheet(HTML) 1 Page - ON Semiconductor

  MC14015BDG Datasheet HTML 1Page - ON Semiconductor MC14015BDG Datasheet HTML 2Page - ON Semiconductor MC14015BDG Datasheet HTML 3Page - ON Semiconductor MC14015BDG Datasheet HTML 4Page - ON Semiconductor MC14015BDG Datasheet HTML 5Page - ON Semiconductor MC14015BDG Datasheet HTML 6Page - ON Semiconductor MC14015BDG Datasheet HTML 7Page - ON Semiconductor MC14015BDG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2014
July, 2014 − Rev. 9
1
Publication Order Number:
MC14015B/D
MC14015B
Dual 4-Bit Static
Shift Register
The MC14015B dual 4−bit static shift register is constructed with
MOS P−Channel and N−Channel enhancement mode devices in
a single monolithic structure. It consists of two identical, independent
4−state serial−input/parallel−output registers. Each register has
independent Clock and Reset inputs with a single serial Data input.
The register states are type D master−slave flip−flops. Data is shifted
from one stage to the next during the positive−going clock transition.
Each register can be cleared when a high level is applied on the Reset
line. These complementary MOS shift registers find primary use in
buffer storage and serial−to−parallel conversion where low power
dissipation and/or noise immunity is desired.
Features
Diode Protection on All Inputs
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Logic Edge−Clocked Flip−Flop Design
Logic State is Retained Indefinitely with Clock Level either High or
Low; Information is Transferred to the Output only on the
Positive-going Edge of the Clock Pulse
Capable of Driving Two Low−power TTL Loads or One Low−power
Schottky TTL Load Over the Rated Temperature Range
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
This Device is Pb−Free and is RoHS Compliant
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
− 0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
− 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation, per Package (Note 1)
500
mW
TA
Ambient Temperature Range
− 55 to +125
°C
Tstg
Storage Temperature Range
− 65 to +150
°C
TL
Lead Temperature
(8−Second Soldering)
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Temperature Derating: “D/DW” Package: –7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be
taken to avoid applications of any voltage higher than maximum rated voltages to this high−impedance circuit. For proper operation, Vin and Vout
should be constrained to the range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
MARKING DIAGRAM
SOIC−16
D SUFFIX
CASE 751B
14015BG
AWLYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G
= Pb−Free Indicator
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
16


Similar Part No. - MC14015BDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14015BD ONSEMI-MC14015BD Datasheet
251Kb / 12P
   Dual 4-Bit Static Shift Register
March, 2000 ??Rev. 3
MC14015BDR2 ONSEMI-MC14015BDR2 Datasheet
251Kb / 12P
   Dual 4-Bit Static Shift Register
March, 2000 ??Rev. 3
MC14015BDR2 ONSEMI-MC14015BDR2 Datasheet
107Kb / 8P
   4?묪it Full Adder
August, 2005 ??Rev. 6
MC14015BDR2G ONSEMI-MC14015BDR2G Datasheet
107Kb / 8P
   4?묪it Full Adder
August, 2005 ??Rev. 6
MC14015BDT ONSEMI-MC14015BDT Datasheet
251Kb / 12P
   Dual 4-Bit Static Shift Register
March, 2000 ??Rev. 3
More results

Similar Description - MC14015BDG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4015BM NSC-CD4015BM Datasheet
134Kb / 6P
   Dual 4-Bit Static Shift Register
logo
Nexperia B.V. All right...
HEF4015B NEXPERIA-HEF4015B Datasheet
213Kb / 11P
   Dual 4-bit static shift register
Rev. 10 - 26 November 2021
logo
Hitachi Semiconductor
HD14015B HITACHI-HD14015B Datasheet
89Kb / 7P
   Dual 4-bit Static Shift Register
logo
Rohm
BU4015B ROHM-BU4015B Datasheet
50Kb / 4P
   Dual 4-bit static shift register
logo
NXP Semiconductors
HEF4015B PHILIPS-HEF4015B Datasheet
58Kb / 5P
   Dual 4-bit static shift register
January 1995
logo
ON Semiconductor
MC14015B ONSEMI-MC14015B Datasheet
251Kb / 12P
   Dual 4-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14015B MOTOROLA-MC14015B Datasheet
251Kb / 8P
   Dual 4-Bit Static Shift Register
logo
Fairchild Semiconductor
CD4015BC FAIRCHILD-CD4015BC Datasheet
56Kb / 6P
   Dual 4-Bit Static Shift Register
logo
NXP Semiconductors
HEF4517B NXP-HEF4517B_09 Datasheet
152Kb / 15P
   Dual 64-bit static shift register
Rev. 06-10 December 2009
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com