Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14517B Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC14517B
Description  Dual 64-Bit Static Shift Register
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14517B Datasheet(HTML) 3 Page - ON Semiconductor

  MC14517B Datasheet HTML 1Page - ON Semiconductor MC14517B Datasheet HTML 2Page - ON Semiconductor MC14517B Datasheet HTML 3Page - ON Semiconductor MC14517B Datasheet HTML 4Page - ON Semiconductor MC14517B Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC14517B
http://onsemi.com
3
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ
(Note 6)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.65 ns/pF) CL + 9.5 ns
tTLH, tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
tPLH, tPHL = (1.7 ns/pF) CL + 390 ns
tPLH, tPHL = (0.66 ns/pF) CL + 177 ns
tPLH, tPHL = (0.5 ns/pF) CL + 115 ns
tPLH, tPHL
5.0
10
15
475
210
140
770
300
215
ns
Clock Pulse Width
tWH
5.0
10
15
330
125
100
170
75
60
ns
Clock Pulse Frequency
fcl
5.0
10
15
3.0
6.7
8.3
1.5
4.0
5.3
MHz
Clock Pulse Rise and Fall Time
tTLH, tTHL
5.0
10
15
See (Note 7)
Data to Clock Setup Time
tsu
5.0
10
15
0
10
15
– 40
– 15
0
ns
Data to Clock Hold Time
th
5.0
10
15
150
75
35
75
25
10
ns
Write Enable to Clock Setup Time
tsu
5.0
10
15
400
200
110
170
65
50
ns
Write Enable to Clock Release Time
trel
5.0
10
15
380
180
100
160
55
40
ns
5. The formulas given are for the typical characteristics only at 25
_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
7. When shift register sections are cascaded, the maximum rise and fall time of the clock input should be equal to or less than the rise and fall
time of the data outputs, driving data inputs, plus the propagation delay of the output driving stage.
Figure 1. Power Dissipation Test Circuit and Waveform
CL
CL
CL
CL
CL
CL
CL
CL
VDD
Q16 Q32 Q48 Q64
Q16 Q32 Q48 Q64
VDD
VDD
VSS
VSS
D
C
WE
D
C
WE
VSS
ID
D
C
50
mF
REPETITIVE WAVEFORM
C
D
fo
(f = 1/2 fo)


Similar Part No. - MC14517B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
MC14517B ONSEMI-MC14517B Datasheet
90Kb / 6P
   Dual 64?묪it Static Shift Register
June, 2006 ??Rev. 6
MC14517BCP ONSEMI-MC14517BCP Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
MC14517BCP ONSEMI-MC14517BCP Datasheet
90Kb / 6P
   Dual 64?묪it Static Shift Register
June, 2006 ??Rev. 6
MC14517BCPG ONSEMI-MC14517BCPG Datasheet
90Kb / 6P
   Dual 64?묪it Static Shift Register
June, 2006 ??Rev. 6
More results

Similar Description - MC14517B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4517B NXP-HEF4517B_09 Datasheet
152Kb / 15P
   Dual 64-bit static shift register
Rev. 06-10 December 2009
logo
Hitachi Semiconductor
HD14517B HITACHI-HD14517B Datasheet
96Kb / 5P
   Dual 64-bit Static Shift Register
logo
NXP Semiconductors
HEF4517B PHILIPS-HEF4517B Datasheet
75Kb / 8P
   Dual 64-bit static shift register
January 1995
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
Fairchild Semiconductor
4731B FAIRCHILD-4731B Datasheet
284Kb / 2P
   QUAD 64-BIT STATIC SHIFT REGISTER
logo
NXP Semiconductors
74HC7731 PHILIPS-74HC7731 Datasheet
49Kb / 8P
   Quad 64-bit static shift register
September 1993
HEF4731B PHILIPS-HEF4731B Datasheet
49Kb / 4P
   Quadruple 64-bit static shift register
January 1995
logo
STMicroelectronics
HCC4517B STMICROELECTRONICS-HCC4517B Datasheet
244Kb / 12P
   DUAL 64-STAGE STATIC SHIFT REGISTER
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B_06 Datasheet
90Kb / 6P
   Dual 64?묪it Static Shift Register
June, 2006 ??Rev. 6
logo
STMicroelectronics
HCF4517B STMICROELECTRONICS-HCF4517B_02 Datasheet
323Kb / 8P
   DUAL 64 STAGE STATIC SHIFT REGISTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com