Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53679RSBT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53679RSBT
Description  Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53679RSBT Datasheet(HTML) 4 Page - Texas Instruments

  TPS53679RSBT Datasheet HTML 1Page - Texas Instruments TPS53679RSBT Datasheet HTML 2Page - Texas Instruments TPS53679RSBT Datasheet HTML 3Page - Texas Instruments TPS53679RSBT Datasheet HTML 4Page - Texas Instruments TPS53679RSBT Datasheet HTML 5Page - Texas Instruments TPS53679RSBT Datasheet HTML 6Page - Texas Instruments TPS53679RSBT Datasheet HTML 7Page - Texas Instruments TPS53679RSBT Datasheet HTML 8Page - Texas Instruments TPS53679RSBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-Nov-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TPS53679RSBR
ACTIVE
WQFN
RSB
40
3000
Green (RoHS
& no Sb/Br)
CU NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
TPS
53679
TPS53679RSBT
ACTIVE
WQFN
RSB
40
250
Green (RoHS
& no Sb/Br)
CU NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
TPS
53679
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Similar Part No. - TPS53679RSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53676 TI-TPS53676 Datasheet
5Mb / 143P
[Old version datasheet]   TPS53676 Dual-Channel D-CAP?? (NM ??7 Phases) Step-Down, Multiphase Controller with AVSBus??and PMBus??Interfaces
TPS53676RSLR TI-TPS53676RSLR Datasheet
5Mb / 143P
[Old version datasheet]   TPS53676 Dual-Channel D-CAP?? (NM ??7 Phases) Step-Down, Multiphase Controller with AVSBus??and PMBus??Interfaces
TPS53676RSLT TI-TPS53676RSLT Datasheet
5Mb / 143P
[Old version datasheet]   TPS53676 Dual-Channel D-CAP?? (NM ??7 Phases) Step-Down, Multiphase Controller with AVSBus??and PMBus??Interfaces
More results

Similar Description - TPS53679RSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53622 TI1-TPS53622 Datasheet
730Kb / 11P
[Old version datasheet]   Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53659 TI1-TPS53659 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
TPS536C9 TI-TPS536C9_V01 Datasheet
1Mb / 11P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
DECEMBER 2021
TPS536C9 TI-TPS536C9 Datasheet
568Kb / 8P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
[Old version datasheet]   TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com