Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53659RSBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53659RSBT
Description  Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53659RSBT Datasheet(HTML) 1 Page - Texas Instruments

  TPS53659RSBT Datasheet HTML 1Page - Texas Instruments TPS53659RSBT Datasheet HTML 2Page - Texas Instruments TPS53659RSBT Datasheet HTML 3Page - Texas Instruments TPS53659RSBT Datasheet HTML 4Page - Texas Instruments TPS53659RSBT Datasheet HTML 5Page - Texas Instruments TPS53659RSBT Datasheet HTML 6Page - Texas Instruments TPS53659RSBT Datasheet HTML 7Page - Texas Instruments TPS53659RSBT Datasheet HTML 8Page - Texas Instruments TPS53659RSBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS53659
SLUSC45 – NOVEMBER 2016
TPS53659 Dual-Channel (4-Phase + 1-Phase) or (3-Phase + 2-Phase) D-CAP+™ Step-Down
Multiphase Controller with NVM and PMBus™ for VR13 Server Memory
1
Device Overview
1
1.1
Features
1
• Intel VR13 Serial VID (SVID) Compliant
• Full VR13 Server Feature Set Including Digital
Input Power Monitor and PIN_ALT Pin
• Programmable Loop Compensations
• Configurable with Non-Volatile Memory (NVM) for
Low External Component Counts
• Individual Phase Current Calibrations and Reports
• Dynamic Phase Shedding with Programmable
Current Threshold for Optimizing Efficiency at Light
and Heavy Loads
• Fast Phase-Adding for Undershoot Reduction
(USR)
• Backward VR12.0 and VR12.5 Compatible
• 8-Bit DAC with Selectable 5 mV or 10 mV
Resolution and Output Ranges from 0.25 V to
1.52 V or 0.5 to 2.8125 V for Dual Channels
• Driverless Configuration for Efficient High-
Frequency Switching
• Fully Compatible with TI NextFET™ Power Stage
for High-Density Solutions
• Accurate, Adjustable Voltage Positioning
• Frequency Selections with Closed-loop Frequency
Control: 300 kHz to 1 MHz
• Patented AutoBalance™ Phase Balancing
• Selectable, 16-level Per-Phase Current Limit
• PMBus™ System Interface for Telemetry of
Voltage, Current, Power, Temperature, and Fault
Conditions
• Dynamic Output Voltage Transitions with
Programmable Slew Rates via SVID or PMBus
Interface
• Conversion Voltage Range: 4.5 V to 17 V
• Low Quiescent Current
• 5 mm × 5 mm, 40-Pin, QFN PowerPad™ Package
1.2
Applications
VR13 Memory Power of Server and Telecom
Applications
ASIC Needs Dual Power Rails
High-Performance Processor Power
(1)
For more information, see, Mechanical, Packaging, and Orderable Information.
1.3
Description
The TPS53659 is a fully VR13 SVID compliant step-down controller with dual channels, built-in non-
volatile memory (NVM), and PMBus™ interface, and is fully compatible with TI NexFET ™power stage.
Advanced control features such as D-CAP+™ architecture with undershoot reduction (USR) provide fast
transient response, low output capacitance, and good current sharing. The device also provides novel
phase interleaving strategy and dynamic phase shedding for efficiency improvement at different loads.
Adjustable control of VCORE slew rate and voltage positioning round out the Intel
® VR13™ features. In
addition, the device supports the PMBus communication interface for reporting the telemetry of voltage,
current, power, temperature, and fault conditions to the systems. All programmable parameters can be
configured by the PMBus interface and can be stored in NVM as the new default values to minimize the
external component count.
The TPS53659 device if offered in a thermally enhanced 40-pin QFN packaged and is rated to operate
from –40°C to 125°C.
Table 1-1. Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TPS53659
QFN (40)
5 mm × 5 mm


Similar Part No. - TPS53659RSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53622 TI1-TPS53622 Datasheet
730Kb / 11P
[Old version datasheet]   Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53622RSBR TI1-TPS53622RSBR Datasheet
730Kb / 11P
[Old version datasheet]   Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53622RSBT TI1-TPS53622RSBT Datasheet
730Kb / 11P
[Old version datasheet]   Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53624 TI1-TPS53624 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Phase, D-CAP, Eco-mode Step-Down Controller with 8-Bit DAC
TPS53624RHAR TI1-TPS53624RHAR Datasheet
1Mb / 44P
[Old version datasheet]   Dual Phase, D-CAP, Eco-mode Step-Down Controller with 8-Bit DAC
More results

Similar Description - TPS53659RSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53622 TI1-TPS53622 Datasheet
730Kb / 11P
[Old version datasheet]   Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53679 TI1-TPS53679 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
TPS536C9 TI-TPS536C9_V01 Datasheet
1Mb / 11P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
DECEMBER 2021
TPS536C9 TI-TPS536C9 Datasheet
568Kb / 8P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
[Old version datasheet]   TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com