Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV160MB90 Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29LV160MB90
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV160MB90 Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29LV160MB90 Datasheet HTML 1Page - Advanced Micro Devices AM29LV160MB90 Datasheet HTML 2Page - Advanced Micro Devices AM29LV160MB90 Datasheet HTML 3Page - Advanced Micro Devices AM29LV160MB90 Datasheet HTML 4Page - Advanced Micro Devices AM29LV160MB90 Datasheet HTML 5Page - Advanced Micro Devices AM29LV160MB90 Datasheet HTML 6Page - Advanced Micro Devices AM29LV160MB90 Datasheet HTML 7Page - Advanced Micro Devices AM29LV160MB90 Datasheet HTML 8Page - Advanced Micro Devices AM29LV160MB90 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
Publication Number 25974
Revision B Amendment 0 Issue Date August 11, 2003
PRELIMINARY
Am29LV160M
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBitTM
3.0 Volt-only Boot Sector Flash Memory
Data Sheet
Distinctive Characteristics
Architectural Advantages
Single power supply operation
— 3 V for read, erase, and program operations
Manufactured on 0.23 µm MirrorBitTM process
technology
— Fully compatible with Am29LV160D device
SecSiTM (Secured Silicon) Sector region
— 128-word/256-byte sector for permanent, secure
identification through an 8-word/16-byte random
Electronic Serial Number, accessible through a
command sequence
— May be programmed and locked at the factory or by
the customer
Flexible sector architecture
— One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and thirty-
one 64 Kbyte sectors (byte mode)
— One 8 Kword, two 4 Kword, one 16 Kword, and thirty-
one 32 Kword sectors (word mode)
Compatibility with JEDEC standards
— Provides pinout and software compatibility for single-
power supply flash, and superior inadvertent write
protection
Top or bottom boot block configurations available
Minimum 100,000 erase cycle guarantee per sector
20-year data retention at 125°C
Performance Characteristics
High performance
— Access times as fast as 70 ns
— 0.7 s typical sector erase time
Low power consumption (typical values at 5 MHz)
— 400 nA standby mode current
— 15 mA read current
— 40 mA program/erase current
— 400 nA Automatic Sleep mode current
Package options
— 48-ball Fine-pitch BGA
— 64-ball Fortified BGA
—48-pin TSOP
Software Features
— Program Suspend & Resume: read other sectors
before programming operation is completed
— Erase Suspend & Resume: read/program other
sectors before an erase operation is completed
— Data# polling & toggle bits provide status
— Unlock Bypass Program command reduces overall
multiple-word programming time
— CFI (Common Flash Interface) compliant: allows host
system to identify and accommodate multiple flash
devices
Hardware Features
— Sector Protection: hardware-level method of
preventing write operations within a sector
— Temporary Sector Unprotect: VID-level method of
changing code in locked sectors
— Hardware reset input (RESET#) resets device
— Ready/Busy# output (RY/BY#) indicates program or
erase cycle completion


Similar Part No. - AM29LV160MB90

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV160MB90EI AMD-AM29LV160MB90EI Datasheet
1Mb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
AM29LV160MB90FI AMD-AM29LV160MB90FI Datasheet
1Mb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
AM29LV160MB90PCI AMD-AM29LV160MB90PCI Datasheet
1Mb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
AM29LV160MB90WAI AMD-AM29LV160MB90WAI Datasheet
1Mb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV160MB90

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV160M AMD-AM29LV160M_07 Datasheet
1Mb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016M SPANSION-S29AL016M_06 Datasheet
1Mb / 62P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit??Technology
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV320MT AMD-AM29LV320MT Datasheet
946Kb / 61P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D_06 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com