Electronic Components Datasheet Search |
|
HEDS-5500-I12 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard) |
|
HEDS-5500-I12 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard) |
7 / 15 page 7 Electrical Interface To insure reliable encoding performance, the HEDS-5540 and 5640 three channel encoders require 2.7 k Ω (± 10%) pull-up resistors on output pins 2, 3, and 5 (Channels I, A, and B) as shown in Figure 1. These pull-up resistors should be located as close to the encoder as possible (within 4 feet). Each of the three encoder outputs can drive a single TTL load in this configuration. The HEDS-5500, 5600, and HEDM-5500, 5600 two channel encoders do not normally require pull-up resistors. However, 3.2 k Ω pull-up resistors on output pins 3 and 5 (Channels A and B) are recommended to improve rise times, especially when operating above 100 kHz frequencies. Mechanical Characteristics Parameter Symbol Dimension Tolerance[1] Units Codewheel Fits These 2 3 4 +0.000 mm Standard Shaft Diameters 5 6 8 -0.015 5/32 1/8 +0.0000 in 3/16 1/4 -0.0007 Moment of Inertia J 0.6 (8.0 x 10-6) g-cm2 (oz-in-s2) Required Shaft Length[2] 14.0 (0.55) ± 0.5 mm ( ± 0.02) (in.) Bolt Circle[3] 2 screw 19.05 ± 0.13 mm mounting (0.750) ( ± 0.005) (in.) 3 screw 20.90 ± 0.13 mm mounting (0.823) ( ± 0.005) (in.) external 46.0 ± 0.13 mm mounting ears (1.811) ( ± 0.005) (in.) Mounting Screw Size[4] 2 screw mounting M 2.5 or (2-56) mm (in.) 3 screw mounting M 1.6 or (0-80) mm (in.) external mounting ears M 2.5 or (2-56) mm (in.) Encoder Base Plate 0.33 (0.130) mm (in.) Thickness Hub Set Screw (2-56) (in.) Notes: 1. These are tolerances required of the user. 2. The HEDS-55X5 and 56X5, HEDM-5505, 5605 provide an 8.9 mm (0.35 inch) diameter hole through the housing for longer motor shafts. See Ordering Information. 3. The HEDS-5540 and 5640 must be aligned using the aligning pins as specified in Figure 3, or using the alignment tool as shown in “Encoder Mounting and Assembly”. See also “Mounting Considerations.” 4. The recommended mounting screw torque for 2 screw and external ear mounting is 1.0 kg-cm (0.88 in-lbs). The recommended mounting screw torque for 3 screw mounting is 0.50 kg-cm (0.43 in-lbs). |
Similar Part No. - HEDS-5500-I12 |
|
Similar Description - HEDS-5500-I12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |