Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG604-86 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AG604-86
Description  InGaP HBT Gain Block
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AG604-86 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AG604-86 Datasheet HTML 1Page - List of Unclassifed Manufacturers AG604-86 Datasheet HTML 2Page - List of Unclassifed Manufacturers AG604-86 Datasheet HTML 3Page - List of Unclassifed Manufacturers AG604-86 Datasheet HTML 4Page - List of Unclassifed Manufacturers AG604-86 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
June 2003
The Communications Edge
TM
AG604-86
InGaP HBT Gain Block
Product Information
Typical Device Data
S-Parameters (Vdevice = +5.16 V, ICC = 75 mA, T = 25
°C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-21.36
171.20
23.29
176.64
-25.29
0.98
-36.23
-30.61
200
-21.23
154.51
23.08
165.87
-25.34
1.21
-27.42
-87.64
400
-18.74
139.75
22.70
152.25
-25.46
2.11
-20.70
-131.03
600
-19.71
121.47
22.22
139.81
-25.28
2.15
-17.98
-130.51
800
-20.47
102.96
21.59
128.44
-25.06
3.27
-16.18
-139.87
1000
-21.14
85.39
20.90
117.72
-24.89
6.01
-15.00
-145.66
1200
-22.35
64.08
20.21
108.26
-24.54
4.79
-14.09
-152.33
1400
-23.14
39.74
19.51
99.29
-24.12
8.76
-13.62
-157.32
1600
-23.16
20.02
18.85
91.38
-23.73
7.67
-13.22
-161.59
1800
-22.34
-3.53
18.16
83.58
-23.54
8.78
-12.92
-166.87
2000
-21.07
-15.63
17.53
76.36
-23.21
8.09
-12.63
-171.09
2200
-18.27
-14.76
16.98
70.43
-23.23
7.25
-12.45
-160.51
2400
-18.15
-23.18
16.40
63.80
-22.42
7.38
-12.44
-169.50
2600
-18.60
-29.21
16.03
59.33
-22.28
5.51
-12.39
-175.01
2800
-19.18
-31.42
15.52
52.69
-21.83
5.06
-12.38
175.81
3000
-19.91
-33.93
15.09
46.60
-21.52
1.63
-12.16
163.69
3200
-21.10
-34.77
14.63
40.44
-21.13
1.32
-11.78
152.82
3400
-22.93
-23.79
14.19
34.18
-20.84
-2.12
-11.15
141.58
3600
-25.81
-7.08
13.77
28.51
-20.61
-4.31
-10.45
131.00
3800
-26.19
33.03
13.30
22.50
-19.99
-4.48
-9.49
122.57
4000
-23.27
63.55
12.87
16.37
-19.89
-8.20
-8.73
114.71
4200
-21.13
82.96
12.46
10.66
-19.74
-10.65
-8.15
107.83
4400
-19.16
91.81
12.05
5.00
-19.51
-13.25
-7.62
103.07
4600
-17.62
97.58
11.69
-0.46
-19.12
-15.57
-7.28
98.42
4800
-17.41
105.84
11.36
-5.57
-18.86
-19.05
-7.25
96.03
5000
-17.39
114.74
11.10
-10.67
-18.60
-21.88
-7.36
93.88
5200
-17.69
123.53
10.87
-15.44
-18.20
-23.87
-7.78
92.50
5400
-18.45
141.89
10.65
-20.17
-17.82
-26.10
-8.47
92.30
5600
-18.57
160.94
10.51
-24.72
-17.60
-29.15
-9.11
92.86
5800
-17.559
-179.75
10.305
-29.704
-17.252
-31.774
-10.152
92.854
6000
-16.835
-168.81
10.119
-34.752
-16.898
-32.65
-10.883
93.053
Device S-parameters are available for download off of the website at: http://www.wj.com


Similar Part No. - AG604-86

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG604-86 WJCI-AG604-86 Datasheet
179Kb / 5P
   InGaP HBT Gain Block
AG604-86 WJCI-AG604-86 Datasheet
428Kb / 6P
   InGaP HBT Gain Block
AG604-86-RFID WJCI-AG604-86-RFID Datasheet
179Kb / 5P
   InGaP HBT Gain Block
AG604-86G WJCI-AG604-86G Datasheet
428Kb / 6P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG604-86G TRIQUINT-AG604-86G Datasheet
201Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
More results

Similar Description - AG604-86

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com