Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG604-86 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AG604-86
Description  InGaP HBT Gain Block
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AG604-86 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AG604-86 Datasheet HTML 1Page - List of Unclassifed Manufacturers AG604-86 Datasheet HTML 2Page - List of Unclassifed Manufacturers AG604-86 Datasheet HTML 3Page - List of Unclassifed Manufacturers AG604-86 Datasheet HTML 4Page - List of Unclassifed Manufacturers AG604-86 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
June 2003
The Communications Edge
TM
AG604-86
InGaP HBT Gain Block
Product Information
Outline Drawing
Land Pattern
Product Marking
The component will be marked with a “K”
designator followed by a two-digit numeric
lot code on the top surface of the package.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
MSL / ESD Rating
ESD Rating: Class 0
Value:
Passes at 150 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class II
Value:
Passes at 250 V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating: Level 1
Standard:
JEDEC Standard J-STD-020A
Mounting Config. Notes


Similar Part No. - AG604-86

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG604-86 WJCI-AG604-86 Datasheet
179Kb / 5P
   InGaP HBT Gain Block
AG604-86 WJCI-AG604-86 Datasheet
428Kb / 6P
   InGaP HBT Gain Block
AG604-86-RFID WJCI-AG604-86-RFID Datasheet
179Kb / 5P
   InGaP HBT Gain Block
AG604-86G WJCI-AG604-86G Datasheet
428Kb / 6P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG604-86G TRIQUINT-AG604-86G Datasheet
201Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
More results

Similar Description - AG604-86

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com