Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA317-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA317-Q1
Description  Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA317-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA317-Q1_16 Datasheet HTML 6Page - Texas Instruments OPA317-Q1_16 Datasheet HTML 7Page - Texas Instruments OPA317-Q1_16 Datasheet HTML 8Page - Texas Instruments OPA317-Q1_16 Datasheet HTML 9Page - Texas Instruments OPA317-Q1_16 Datasheet HTML 10Page - Texas Instruments OPA317-Q1_16 Datasheet HTML 11Page - Texas Instruments OPA317-Q1_16 Datasheet HTML 12Page - Texas Instruments OPA317-Q1_16 Datasheet HTML 13Page - Texas Instruments OPA317-Q1_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
0
0
Time (50 s/div)
m
Input
Output
0
0
Time (50 s/div)
m
Input
Output
Time (50 µs/div)
Time (5 µs/div)
-50
250
200
150
100
50
0
50
100
150
200
-250
-
-
-
-
-25
Temperature (°C)
125
100
75
50
25
0
V = 5.5 V
S
V = 1.8 V
S
–I
B
–I
B
+I
B
+I
B
-50
25
20
15
10
5
0
-25
Temperature (°C)
125
100
75
50
25
0
V = 1.8 V
S
V = 5.5 V
S
10
OPA317-Q1, OPA2317-Q1, OPA4317-Q1
SLOS914 – JULY 2016
www.ti.com
Product Folder Links: OPA317-Q1 OPA2317-Q1 OPA4317-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, CL = 0 pF, RL = 10 kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
Figure 7. Input Bias Current vs Temperature
Figure 8. Quiescent Current vs Temperature
G = 1
RL = 10 kΩ
Figure 9. Large-Signal Step Response
G = 1
RL = 10 kΩ
Figure 10. Small-Signal Step Response
See Figure 18
Figure 11. Positive Overvoltage Recovery
See Figure 18
Figure 12. Negative Overvoltage Recovery


Similar Part No. - OPA317-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA317-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI-OPA317 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
logo
Rohm
LMR1001YF-C ROHM-LMR1001YF-C Datasheet
1Mb / 20P
   Automotive Zero Drift Low Offset Voltage Rail-to-Rail input/output CMOS Operational Amplifier
16.Jan.2023 Rev.001
logo
Zhaoxingwei Electronics...
ISL28130CHZ ZHAOXINGWEI-ISL28130CHZ Datasheet
1Mb / 11P
   350kHz, Zero-Drift, CMOS,Rail-to-Rail Operational Amplifier
logo
E-CMOS Corporation
EC5731 E-CMOS-EC5731 Datasheet
821Kb / 13P
   350kHz, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
EC5761 E-CMOS-EC5761 Datasheet
451Kb / 13P
   1.5M, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com