Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC2112PWT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LDC2112PWT
Description  Inductive Touch Solution for Low-Power HMI and Button Applications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC2112PWT Datasheet(HTML) 10 Page - Texas Instruments

Back Button LDC2112PWT Datasheet HTML 6Page - Texas Instruments LDC2112PWT Datasheet HTML 7Page - Texas Instruments LDC2112PWT Datasheet HTML 8Page - Texas Instruments LDC2112PWT Datasheet HTML 9Page - Texas Instruments LDC2112PWT Datasheet HTML 10Page - Texas Instruments LDC2112PWT Datasheet HTML 11Page - Texas Instruments LDC2112PWT Datasheet HTML 12Page - Texas Instruments LDC2112PWT Datasheet HTML 13Page - Texas Instruments LDC2112PWT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Inductive
Sensing Core
IN0
Logic
GND
SCL
SDA
I
2C
LPWRB
IN1
COM
LDC2112
Digital
Algorithm
INTB
VDD
Resonant
Circuit
Driver
OUT0
OUT1
ADDR
Copyright © 2016, Texas Instruments Incorporated
10
LDC2112, LDC2114
SNOSD15 – DECEMBER 2016
www.ti.com
Product Folder Links: LDC2112 LDC2114
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LDC2112/LDC2114 is a multi-channel, low-noise, high-resolution inductance-to-digital converter (LDC)
optimized for inductive touch applications constructed of monolithic surfaces. Button presses form surface micro-
deflections which cause frequency shifts in the resonant sensors. The LDC2112/LDC2114 can measure such
frequency shifts and determines when button presses have occurred. With adjustable sensitivity per input
channel, the LDC2112/LDC2114 can reliably operate with a wide range of physical button structures and
materials. The high resolution measurement enables the implementation of multi-level buttons. The
LDC2112/LDC2114 incorporates customizable post-processing algorithms for enhanced robustness.
The LDC2112/LDC2114 can operate in an ultra-low power mode for optimal battery life, or can be toggled into a
higher scan rate for more responsive button press detection for game play or other low latency applications. The
LDC2112/LDC2114 is operational from –40 °C to +85 °C with a 1.8 V ± 5% power supply voltage.
The LDC2112/LDC2114 is configured through 400 kHz I2C. Button presses can be reported through the I2C
interface or with configurable polarity dedicated push-pull outputs. The only external components necessary for
operation are supply bypassing capacitors and a COM pin capacitor to ground.
7.2 Functional Block Diagram
Figure 9. Block Diagram of LDC2112


Similar Part No. - LDC2112PWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC2112PWT TI1-LDC2112PWT Datasheet
1Mb / 52P
[Old version datasheet]   Inductive Touch Solution for Low-Power HMI Button Applications
More results

Similar Description - LDC2112PWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC2112 TI1-LDC2112_17 Datasheet
1Mb / 52P
[Old version datasheet]   Inductive Touch Solution for Low-Power HMI Button Applications
logo
3M Electronics
SCT3250EX 3M-SCT3250EX Datasheet
274Kb / 2P
   The Clear Solution for Demanding Touch Applications
logo
Semtech Corporation
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
   Low Power, Capacitive Button Touch and Proximity Controller
SX8639 SEMTECH-SX8639 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Wheel Touch Controller
logo
List of Unclassifed Man...
CSR8670 ETC1-CSR8670 Datasheet
683Kb / 2P
   Low-power Solution for DSP Intensive Audio Applications
logo
AAEON Technology
AHP-1083 AAEON-AHP-1083_15 Datasheet
293Kb / 2P
   SVGA HMI Touch Panel Computer
logo
STMicroelectronics
EVALSP320SHMI STMICROELECTRONICS-EVALSP320SHMI Datasheet
132Kb / 3P
   SPEAr320S expansion board for HMI applications
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
AAT2554 SKYWORKS-AAT2554 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com