Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC2114 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LDC2114
Description  Inductive Touch Solution for Low-Power HMI and Button Applications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC2114 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LDC2114 Datasheet HTML 2Page - Texas Instruments LDC2114 Datasheet HTML 3Page - Texas Instruments LDC2114 Datasheet HTML 4Page - Texas Instruments LDC2114 Datasheet HTML 5Page - Texas Instruments LDC2114 Datasheet HTML 6Page - Texas Instruments LDC2114 Datasheet HTML 7Page - Texas Instruments LDC2114 Datasheet HTML 8Page - Texas Instruments LDC2114 Datasheet HTML 9Page - Texas Instruments LDC2114 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
6
LDC2112, LDC2114
SNOSD15 – DECEMBER 2016
www.ti.com
Product Folder Links: LDC2112 LDC2114
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
I2C read/write communication and pull-up resistors current through SCL, SDA not included.
(2)
For typical percentage offset distribution of the scan rates, refer to Figure 8.
6.5 Electrical Characteristics
Over operating free-air temperature range unless otherwise noted. VDD = 1.8 V, TJ = 25 °C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER
VDD
Supply voltage
1.71
1.8
1.89
V
IDDNP
Normal power mode supply current(1)
4 buttons, 40 SPS per button, 1 ms
sampling window, LPRWB = 1,
QSENSOR = 11, LSENSOR = 0.85 µH,
CSENSOR = 58 pF, RP = 0.7 kΩ
0.47
mA
IDDLP
Low power mode supply current(1)
1 button, 1.25 SPS, 1 button, 1.25
SPS, 1 ms sampling window, LPRWB
= 0, QSENSOR = 11, LSENSOR = 0.85
µH, CSENSOR = 58 pF, RP = 0.7 kΩ
9
µA
IDDSB
Standby supply current
No button active (EN = 0x00)
5
10
µA
SENSOR
ISENSORMAX
Sensor maximum current drive
Registers SENSORn_CONFIG: RPn =
0 (n = 0, 1, 2, or 3)
2.5
mA
RP, min
Minimum sensor RP
350
RP, max
Maximum sensor RP
10
k
fSENSOR
Sensor resonant frequency
1
30
MHz
QSENSOR, MIN Minimum sensor quality factor
5
QSENSOR, MAX Maximum sensor quality factor
30
VSENSOR
Sensor oscillation amplitude (peak-to-
peak)
Measured on the INn (n = 0, 1, 2, or 3)
pins with reference to COM.
0.9
V
CIN
Sensor pin input capacitance
17
pF
CONVERTER
SRNP, min
Minimum normal power mode scan
rate(2)
LPWRB = 1
7
10
13
SPS
SRNP, max
Maximum normal power mode scan
rate(2)
LPWRB = 1
56
80
104
SPS
SRLP, min
Minimum low power mode scan rate(2)
LPWRB = 0
0.438
0.625
0.813
SPS
SRLP, max
Maximum low power mode scan
rate(2)
LPWRB = 0
3.5
5
6.5
SPS
Resolution
Output code width
12
Bits


Similar Part No. - LDC2114

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC2114 TI1-LDC2114 Datasheet
1Mb / 52P
[Old version datasheet]   Inductive Touch Solution for Low-Power HMI Button Applications
LDC2114PWR TI1-LDC2114PWR Datasheet
1Mb / 52P
[Old version datasheet]   Inductive Touch Solution for Low-Power HMI Button Applications
LDC2114PWT TI1-LDC2114PWT Datasheet
1Mb / 52P
[Old version datasheet]   Inductive Touch Solution for Low-Power HMI Button Applications
LDC2114YFDR TI1-LDC2114YFDR Datasheet
1Mb / 52P
[Old version datasheet]   Inductive Touch Solution for Low-Power HMI Button Applications
LDC2114YFDT TI1-LDC2114YFDT Datasheet
1Mb / 52P
[Old version datasheet]   Inductive Touch Solution for Low-Power HMI Button Applications
More results

Similar Description - LDC2114

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC2112 TI1-LDC2112_17 Datasheet
1Mb / 52P
[Old version datasheet]   Inductive Touch Solution for Low-Power HMI Button Applications
logo
3M Electronics
SCT3250EX 3M-SCT3250EX Datasheet
274Kb / 2P
   The Clear Solution for Demanding Touch Applications
logo
Semtech Corporation
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
   Low Power, Capacitive Button Touch and Proximity Controller
SX8639 SEMTECH-SX8639 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Wheel Touch Controller
logo
List of Unclassifed Man...
CSR8670 ETC1-CSR8670 Datasheet
683Kb / 2P
   Low-power Solution for DSP Intensive Audio Applications
logo
AAEON Technology
AHP-1083 AAEON-AHP-1083_15 Datasheet
293Kb / 2P
   SVGA HMI Touch Panel Computer
logo
STMicroelectronics
EVALSP320SHMI STMICROELECTRONICS-EVALSP320SHMI Datasheet
132Kb / 3P
   SPEAr320S expansion board for HMI applications
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
AAT2554 SKYWORKS-AAT2554 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com