Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7924CT Datasheet(PDF) 8 Page - STMicroelectronics

Part # L7924CT
Description  NEGATIVE VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7924CT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L7924CT Datasheet HTML 4Page - STMicroelectronics L7924CT Datasheet HTML 5Page - STMicroelectronics L7924CT Datasheet HTML 6Page - STMicroelectronics L7924CT Datasheet HTML 7Page - STMicroelectronics L7924CT Datasheet HTML 8Page - STMicroelectronics L7924CT Datasheet HTML 9Page - STMicroelectronics L7924CT Datasheet HTML 10Page - STMicroelectronics L7924CT Datasheet HTML 11Page - STMicroelectronics L7924CT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
L7900 SERIES
8/16
ELECTRICAL CHARACTERISTICS OF L7924C (refer to the test circuits, TJ = 0 to 125°C, VI = -33V,
IO =500 mA, CI =2.2 µF, CO = 1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
APPLICATIONS INFORMATION
Figure 1 : Fixed Output Regulator
NOTE:
1. To specify an output voltage, substitute voltage value for "XX".
2. Required for stability. For value given, capacitor must be solid tantalum. If aluminium electrolytics are used, at least ten times value should
be selected. C1 is required if regulator is located an appreciable distance from power supply filter.
3. To improve transient response. If large capacitors are used, a high current diode from input to output (1N4001 or similar) should be intro-
duced to protect the device from momentary input short circuit.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
-23
-24
-24.5
V
VO
Output Voltage
IO =-5mAto -1A PO ≤ 15 W
VI = -27 to -38 V
-22.8
-24
-25.2
V
∆V
O(*)
Line Regulation
VI = -27 to -38 V
TJ = 25°C
480
mV
VI = -30 to -36 V
TJ = 25°C
240
∆V
O(*)
Load Regulation
IO =5mAto 1.5 A
TJ = 25°C
480
mV
IO = 250 to 750 mA
TJ = 25°C
240
Id
Quiescent Current
TJ = 25°C
3
mA
∆I
d
Quiescent Current Change
IO =5mAto 1 A
0.5
mA
VI = -27 to -38 V
1
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-1
mV/°C
eN
Output Noise Voltage
B = 10Hz to 100KHz
TJ = 25°C
400
µV
SVR
Supply Voltage Rejection
∆V
I = 10 V
f = 120Hz
54
60
dB
Vd
Dropout Voltage
IO =1A
TJ = 25°C
∆V
O = 100 mV
1.1
V
Isc
Short Circuit Current
1.1
A


Similar Part No. - L7924CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7924CT STMICROELECTRONICS-L7924CT Datasheet
445Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L7924CT STMICROELECTRONICS-L7924CT Datasheet
379Kb / 24P
   Negative voltage regulators
L7924CT STMICROELECTRONICS-L7924CT Datasheet
824Kb / 24P
   Negative voltage regulators
More results

Similar Description - L7924CT

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com