Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7821LLS Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO7821LLS
Description  High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7821LLS Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7821LLS_16 Datasheet HTML 4Page - Texas Instruments ISO7821LLS_16 Datasheet HTML 5Page - Texas Instruments ISO7821LLS_16 Datasheet HTML 6Page - Texas Instruments ISO7821LLS_16 Datasheet HTML 7Page - Texas Instruments ISO7821LLS_16 Datasheet HTML 8Page - Texas Instruments ISO7821LLS_16 Datasheet HTML 9Page - Texas Instruments ISO7821LLS_16 Datasheet HTML 10Page - Texas Instruments ISO7821LLS_16 Datasheet HTML 11Page - Texas Instruments ISO7821LLS_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
ISO7821LLS
SLLSET5A – MARCH 2016 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: ISO7821LLS
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
VCCI = Input-side VCCx; VCCO = Output-side VCCx.
6.9 DC Electrical Characteristics
(over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
IIN(EN)
Leakage Current on ENx
pins
Internal pullup on ENx pins
13
40
µA
VCC+(UVLO)
Positive-going undervoltage-
lockout (UVLO) threshold
2.25
V
VCC–(UVLO)
Negative-going UVLO
threshold
1.7
V
VHYS(UVLO)
UVLO threshold hysteresis
0.2
V
VEN(ON)
EN pin turn-on threshold
0.7 VCCx
V
VEN(OFF)
EN pin turn-off threshold
0.3 VCCx
V
VEN(HYS)
EN pin threshold hysteresis
0.1 VCCx
V
CMTI
Common-mode transient
immunity
VI = VCCI
(1) or 0 V;
VCM = 1000 V, see Figure 22
100
120
kV/μs
LVDS TX
|VOD|
TX DC output differential
voltage
RL = 100 Ω, see Figure 23
250
350
450
mV
∆VOD
Change in TX DC output
differential between logic 1
and 0 states
RL = 100 Ω, see Figure 23
–10
0
10
mV
VOC
TX DC output common-
mode voltage
RL = 100 Ω, see Figure 23
1.125
1.2
1.375
V
∆VOC
TX DC common-mode
voltage difference
RL = 100 Ω, see Figure 23
–25
0
25
mV
IOS
TX output short circuit
current through OUTx
OUTx = 0
10
mA
OUTxP = OUTxM
10
IOZ
TX output current when in
high impedance
ENx = 0, OUTx from 0 to VCCx
–5
5
µA
COUT
TX output pad capacitance
on OUTx at 1 MHz
DW package: ENx = 0, DC offset = VCC / 2,
Swing = 200 mV, Frequency (f) = 1 MHz
10
pF
DWW package: ENx = 0,
DC offset = VCC / 2, Swing = 200 mV,
Frequency (f) = 1 MHz
10
LVDS RX
VIC
RX input common mode
voltage
VCCx ≥ 3 V
0.5 |VID|
1.2
2.4 – 0.5 |VID|
V
VIT1
Positive going RX input
differential threshold
Across VIC
50
mV
VIT2
Negative going RX input
differential threshold
Across VIC
–50
mV
IINx
Input current on INx
From 0 to VCC (each input independently)
10
20
µA
IINxP – IINxM
Input current balance
From 0 to VCC
–6
6
µA
CIN
RX input pad capacitance on
INx at 1 MHz
DW package: DC offset = 1.2 V,
Swing = 200 mV, f = 1 MHz
6.6
pF
DWW package: DC offset = 1.2 V,
Swing = 200 mV, f = 1 MHz
7.5


Similar Part No. - ISO7821LLS_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7821LLSDW TI1-ISO7821LLSDW Datasheet
134Kb / 6P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7821LLSDWR TI1-ISO7821LLSDWR Datasheet
134Kb / 6P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
More results

Similar Description - ISO7821LLS_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7821LLS TI1-ISO7821LLS Datasheet
134Kb / 6P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7820LL TI1-ISO7820LL_16 Datasheet
1Mb / 33P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7820LL TI1-ISO7820LL Datasheet
596Kb / 31P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7831 TI1-ISO7831_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
ISO7830 TI1-ISO7830 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
ISO7821 TI-ISO7821_15 Datasheet
1Mb / 38P
[Old version datasheet]   ISO7821 ISO7821F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7820 TI-ISO7820_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO7820 ISO7820F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com