Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7821LLDWWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7821LLDWWR
Description  High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7821LLDWWR Datasheet(HTML) 5 Page - Texas Instruments

  ISO7821LLDWWR Datasheet HTML 1Page - Texas Instruments ISO7821LLDWWR Datasheet HTML 2Page - Texas Instruments ISO7821LLDWWR Datasheet HTML 3Page - Texas Instruments ISO7821LLDWWR Datasheet HTML 4Page - Texas Instruments ISO7821LLDWWR Datasheet HTML 5Page - Texas Instruments ISO7821LLDWWR Datasheet HTML 6Page - Texas Instruments ISO7821LLDWWR Datasheet HTML 7Page - Texas Instruments ISO7821LLDWWR Datasheet HTML 8Page - Texas Instruments ISO7821LLDWWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
ISO7820LL, ISO7821LL
www.ti.com
SLLSET8A – MARCH 2016 – REVISED AUGUST 2016
Product Folder Links: ISO7820LL ISO7821LL
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
ISO7820LL
ISO7821LL
UNIT
DW (SOIC)
DWW (SOIC)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
82
84.6
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
44.6
46.4
°C/W
RθJB
Junction-to-board thermal resistance
46.6
55.3
°C/W
ψJT
Junction-to-top characterization parameter
17.8
18.7
°C/W
ψJB
Junction-to-board characterization parameter
46.1
54.5
°C/W
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
°C/W
6.5 Power Ratings
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 5 pF, input a 50-MHz 50% duty-cycle square wave, EN1 = EN2 = 5.5 V,
RL = 100-Ω differential
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO7821LL
PD
Maximum power dissipation (both sides)
156
mW
PD1
Maximum power dissipation (side 1)
78
mW
PD2
Maximum power dissipation (side 2)
78
mW
ISO7820LL
PD
Maximum power dissipation (both sides)
152
mW
PD1
Maximum power dissipation (side 1)
36
mW
PD2
Maximum power dissipation (side 2)
116
mW


Similar Part No. - ISO7821LLDWWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7821LLDW TI1-ISO7821LLDW Datasheet
596Kb / 31P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7821LLDWR TI1-ISO7821LLDWR Datasheet
596Kb / 31P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
More results

Similar Description - ISO7821LLDWWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7821LLS TI1-ISO7821LLS Datasheet
134Kb / 6P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7820LL TI1-ISO7820LL Datasheet
596Kb / 31P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7821LLS TI1-ISO7821LLS_16 Datasheet
1Mb / 31P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7831 TI1-ISO7831_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
ISO7830 TI1-ISO7830 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
ISO7821 TI-ISO7821_15 Datasheet
1Mb / 38P
[Old version datasheet]   ISO7821 ISO7821F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7820 TI-ISO7820_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO7820 ISO7820F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com