Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7731FQDWRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7731FQDWRQ1
Description  High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7731FQDWRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7731FQDWRQ1 Datasheet HTML 7Page - Texas Instruments ISO7731FQDWRQ1 Datasheet HTML 8Page - Texas Instruments ISO7731FQDWRQ1 Datasheet HTML 9Page - Texas Instruments ISO7731FQDWRQ1 Datasheet HTML 10Page - Texas Instruments ISO7731FQDWRQ1 Datasheet HTML 11Page - Texas Instruments ISO7731FQDWRQ1 Datasheet HTML 12Page - Texas Instruments ISO7731FQDWRQ1 Datasheet HTML 13Page - Texas Instruments ISO7731FQDWRQ1 Datasheet HTML 14Page - Texas Instruments ISO7731FQDWRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
11
ISO7730-Q1, ISO7731-Q1
www.ti.com
SLLSEU3 – NOVEMBER 2016
Product Folder Links: ISO7730-Q1 ISO7731-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.15 Switching Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 13
6
11
16
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.6
4.9
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
4
ns
tsk(pp)
Part-to-part skew time(3)
4.5
ns
tr
Output signal rise time
See Figure 13
1.3
3.9
ns
tf
Output signal fall time
1.4
3.9
ns
tPHZ
Disable propagation delay, high-to-high impedance output
See Figure 14
8
20
ns
tPLZ
Disable propagation delay, low-to-high impedance output
8
20
ns
tPZH
Enable propagation delay, high impedance-to-high output for
ISO773x-Q1
7
20
ns
Enable propagation delay, high impedance-to-high output for
ISO773x-Q1 with F suffix
3
8.5
μs
tPZL
Enable propagation delay, high impedance-to-low output for
ISO773x-Q1
3
8.5
μs
Enable propagation delay, high impedance-to-low output for
ISO773x-Q1 with F suffix
7
20
ns
tDO
Default output delay time from input power loss
Measured from the time VCC
goes below 1.7 V. See Figure 15
0.1
0.3
μs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
0.6
ns


Similar Part No. - ISO7731FQDWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7731FQDWRQ1 TI1-ISO7731FQDWRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
More results

Similar Description - ISO7731FQDWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730-Q1 TI1-ISO7730-Q1_18 Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com