Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7731FQDWQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7731FQDWQ1
Description  High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7731FQDWQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7731FQDWQ1 Datasheet HTML 4Page - Texas Instruments ISO7731FQDWQ1 Datasheet HTML 5Page - Texas Instruments ISO7731FQDWQ1 Datasheet HTML 6Page - Texas Instruments ISO7731FQDWQ1 Datasheet HTML 7Page - Texas Instruments ISO7731FQDWQ1 Datasheet HTML 8Page - Texas Instruments ISO7731FQDWQ1 Datasheet HTML 9Page - Texas Instruments ISO7731FQDWQ1 Datasheet HTML 10Page - Texas Instruments ISO7731FQDWQ1 Datasheet HTML 11Page - Texas Instruments ISO7731FQDWQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
ISO7730-Q1, ISO7731-Q1
SLLSEU3 – NOVEMBER 2016
www.ti.com
Product Folder Links: ISO7730-Q1 ISO7731-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
(2)
Measured from input pin to ground.
6.9 Electrical Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –4 mA; see Figure 13
VCCO
(1) – 0.4
4.8
V
VOL
Low-level output voltage
IOL = 4 mA; see Figure 13
0.2
0.4
V
VIT+(IN)
Rising input voltage threshold
0.6 × VCCI
0.7 × VCCI
V
VIT-(IN)
Falling input voltage threshold
0.3 × VCCI
0.4 × VCCI
V
VI(HYS)
Input threshold voltage
hysteresis
0.1 × VCCI
0.2 × VCCI
V
IIH
High-level input current
VIH = VCCI
(1) at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
–10
μA
CMTI
Common-mode transient
immunity
VI = VCCI or 0 V, VCM = 1200 V; see Figure 16
40
100
kV/μs
CI
Input Capacitance(2)
VI = VCC/ 2 + 0.4×sin(2πft), f = 1 MHz, VCC = 5 V
2
pF
(1)
VCCI = Input-side VCC
6.10 Supply Current Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO7730-Q1
Supply current - disable
EN2 = 0 V; VI = VCC1 (ISO7730-Q1);
VI = 0 V (ISO7730-Q1 with F suffix)
ICC1
1
1.4
mA
ICC2
0.3
0.4
mA
EN2 = 0 V; VI = 0 V (ISO7730-Q1);
VI = VCC1 (ISO7730-Q1 with F suffix)
ICC1
4.3
6
mA
ICC2
0.3
0.4
mA
Supply current - DC signal
EN2 = VCC2; VI = VCC1 (ISO7730-Q1);
VI = 0 V (ISO7730-Q1 with F suffix)
ICC1
1
1.4
mA
ICC2
1.6
2.5
mA
EN2 = VCC2; VI = 0 V (ISO7730-Q1);
VI = VCC1 (ISO7730-Q1 with F suffix)
ICC1
4.3
6
mA
ICC2
1.8
2.7
mA
Supply current - AC signal
EN2 = VCCI; All channels switching with
square wave clock input; CL = 15 pF
1 Mbps
ICC1
2.6
3.7
mA
ICC2
1.9
2.8
mA
10 Mbps
ICC1
2.7
3.8
mA
ICC2
3.3
4.5
mA
100 Mbps
ICC1
3.6
4.6
mA
ICC2
17.5
21
mA
ISO7731-Q1
Supply current - disable
EN1 = EN2 = 0 V; VI = VCCI
(1) (ISO7731-Q1);
VI = 0 V (ISO7731-Q1 with F suffix)
ICC1
0.8
1.2
mA
ICC2
0.7
1
mA
EN1 = EN2 = 0 V; VI = 0 V (ISO7731-Q1);
VI = VCCI (ISO7731-Q1 with F suffix)
ICC1
3
4.3
mA
ICC2
1.8
2.6
mA
Supply current - DC signal
EN1 = EN2 = VCCI; VI = VCCI (ISO7731-Q1);
VI = 0 V (ISO7731-Q1 with F suffix)
ICC1
1.3
1.7
mA
ICC2
1.6
2.2
mA
EN1 = EN2 = VCCI; VI = 0 V (ISO7731-Q1);
VI = VCCI (ISO7731-Q1 with F suffix)
ICC1
3.5
5
mA
ICC2
2.8
4.1
mA
Supply current - AC signal
EN1 = EN2 = VCCI; All channels switching
with square wave clock input; CL = 15 pF
1 Mbps
ICC1
2.7
3.4
mA
ICC2
2.3
3.3
mA
10 Mbps
ICC1
3
4
mA
ICC2
3.3
4.4
mA
100 Mbps
ICC1
8.5
11
mA
ICC2
13.1
16
mA


Similar Part No. - ISO7731FQDWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7731FQDWQ1 TI1-ISO7731FQDWQ1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
More results

Similar Description - ISO7731FQDWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730-Q1 TI1-ISO7730-Q1_18 Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com