Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV401AQRGWRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AQRGWRQ1
Description  DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV401AQRGWRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV401AQRGWRQ1 Datasheet HTML 6Page - Texas Instruments DRV401AQRGWRQ1 Datasheet HTML 7Page - Texas Instruments DRV401AQRGWRQ1 Datasheet HTML 8Page - Texas Instruments DRV401AQRGWRQ1 Datasheet HTML 9Page - Texas Instruments DRV401AQRGWRQ1 Datasheet HTML 10Page - Texas Instruments DRV401AQRGWRQ1 Datasheet HTML 11Page - Texas Instruments DRV401AQRGWRQ1 Datasheet HTML 12Page - Texas Instruments DRV401AQRGWRQ1 Datasheet HTML 13Page - Texas Instruments DRV401AQRGWRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
-6.5
-6.6
-6.7
-6.8
-6.9
-7.0
-7.1
-7.2
-7.3
-7.4
-7.5
-25
-50
0
25
50
75
100
125
150
Temperature ( C)
°
At 5.0 V
7.5
7.4
7.3
7.2
7.1
7.0
6.9
6.8
6.7
6.6
6.5
-25
-50
0
25
50
75
100
125
150
Temperature ( C)
°
At 5.0 V
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
2.5
-25
-50
0
25
50
75
100
125
150
Temperature ( C)
°
Positive Over-Range
Negative Over-Range
At 5.0 V
V
Step 0 V to 1 V
IN
±
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1 s/div
m
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1 s/div
m
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1 s/div
m
10
DRV401-Q1
SBOS814 – DECEMBER 2016
www.ti.com
Product Folder Links: DRV401-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C and VDD1 = VDD2 = 5 V with external 100-kHz filter bandwidth, (unless otherwise noted)
TA = −50°C
Figure 13. Differential Amplifier: Large-Signal Step
Response
TA = 25°C
Figure 14. Differential Amplifier: Large-Signal Step
Response
TA = 150°C
Figure 15. Differential Amplifier: Large-Signal Step
Response
Figure 16. Differential Amplifier: Overrange Delay vs
Temperature
Figure 17. Differential Amplifier: Positive Slew Rate vs
Temperature
Figure 18. Differential Amplifier: Negative Slew Rate vs
Temperature


Similar Part No. - DRV401AQRGWRQ1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV401A BURR-BROWN-DRV401A Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401AIDWP BURR-BROWN-DRV401AIDWP Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV401AIDWP TI1-DRV401AIDWP Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Burr-Brown (TI)
DRV401AIDWPG4 BURR-BROWN-DRV401AIDWPG4 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV401AIDWPG4 TI1-DRV401AIDWPG4 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
More results

Similar Description - DRV401AQRGWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com