Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV401-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401-Q1
Description  DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV401-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  DRV401-Q1 Datasheet HTML 1Page - Texas Instruments DRV401-Q1 Datasheet HTML 2Page - Texas Instruments DRV401-Q1 Datasheet HTML 3Page - Texas Instruments DRV401-Q1 Datasheet HTML 4Page - Texas Instruments DRV401-Q1 Datasheet HTML 5Page - Texas Instruments DRV401-Q1 Datasheet HTML 6Page - Texas Instruments DRV401-Q1 Datasheet HTML 7Page - Texas Instruments DRV401-Q1 Datasheet HTML 8Page - Texas Instruments DRV401-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
V
OUT
REF
IN
I
COMP2
R
S
I
COMP1
Compensation
Patents Pending
Diff
Amp
Timing, Error Detection,
and Power Control
Degauss
V
REF
V
REF
GND
+5 V
IS2
IS1
DRV401-Q1
I
P
Compensation Winding
Magnetic Core
Primary Winding
Field Probe
PWM
PWM
H-Bridge
Driver
Probe
Interface
Integrator
Filter
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DRV401-Q1
SBOS814 – DECEMBER 2016
DRV401-Q1 Sensor Signal Conditioning Device
for Closed-Loop Magnetic Current Sensor
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
Device HBM ESD Classification Level 1C
Device CDM ESD Classification Level C6
Single-Supply: 5-V
Power Output: H-Bridge
Designed for Driving Inductive Loads
Excellent DC Precision
Wide System Bandwidth
High-Resolution, Low-Temperature Drift
Built-In Degauss System
Extensive Fault Detection
External High-Power Driver Option
Compact Footprint
2 Applications
Automotive
Motor Control in Automotive Applications
Flux Gate Current Sensing
Generator and Alternator Monitoring and Control
Frequency and Voltage Inverters
Motor Drive Controllers
System Power Consumption
Photovoltaic Systems
3 Description
The
DRV401-Q1
device
is
fully
qualified
for
automotive applications and is suitable for motor
control drive and battery monitoring systems.
When used with a magnetic sensor, the DRV401-Q1
monitors ac and dc currents to high accuracy.
Provided functions include: probe excitation, signal
conditioning of the probe signal, signal loop amplifier,
an H-bridge driver for the compensation coil, and an
analog signal output stage that provides an output
voltage proportional to the primary current. It offers
overload and fault detection, as well as transient
noise suppression.
The
DRV401-Q1
device
directly
drives
the
compensation coil or connects to external power
drivers. Therefore, the DRV401-Q1 combines with
sensors to measure small to large currents.
To maintain the highest accuracy, the DRV401-Q1
demagnetizes (degausses) the sensor at power-up
and on demand.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV401-Q1
VQFN-20
5.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Closed-Loop Magnetic Sensing


Similar Part No. - DRV401-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV401-Q1 TI1-DRV401-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
More results

Similar Description - DRV401-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com