Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R1620901V9A Datasheet(PDF) 11 Page - Texas Instruments

Part # 5962R1620901V9A
Description  High-Precision Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962R1620901V9A Datasheet(HTML) 11 Page - Texas Instruments

Back Button 5962R1620901V9A Datasheet HTML 7Page - Texas Instruments 5962R1620901V9A Datasheet HTML 8Page - Texas Instruments 5962R1620901V9A Datasheet HTML 9Page - Texas Instruments 5962R1620901V9A Datasheet HTML 10Page - Texas Instruments 5962R1620901V9A Datasheet HTML 11Page - Texas Instruments 5962R1620901V9A Datasheet HTML 12Page - Texas Instruments 5962R1620901V9A Datasheet HTML 13Page - Texas Instruments 5962R1620901V9A Datasheet HTML 14Page - Texas Instruments 5962R1620901V9A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
+
±
1 k
1 k
Vin+
Vin±
Vsupply+
Vsupply±
Vout
+
±
Copyright © 2016, Texas Instruments Incorporated
11
OPA4277-SP
www.ti.com
SBOS771 – DECEMBER 2016
Product Folder Links: OPA4277-SP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The OPA4277-SP precision operational amplifier replaces the industry standard LM124-SP. It offers improved
noise, wider output voltage swing, and is twice as fast with half the quiescent current. Features include ultra-low
offset voltage and drift, low bias current, high common-mode rejection, and high power supply rejection.
7.2 Functional Block Diagram
7.3 Feature Description
The OPA4277-SP operates from ±2- to ±18-V supplies with excellent performance. Unlike most operational
amplifiers which are specified at only one supply voltage, the OPA4277-SP precision operational amplifier is
specified for real-world applications; a single limit applies over the ±5- to ±15-V supply range. High performance
is maintained as the amplifier swings to the specified limits. Because the initial offset voltage (±50 μV max) is so
low, user adjustment is usually not required.
7.3.1 Input Protection
The inputs of the OPA4277-SP are protected with 1-kΩ series input resistors and diode clamps. The inputs can
withstand ±30-V differential inputs without damage. The protection diodes conduct current when the inputs are
overdriven. This may disturb the slewing behavior of unity-gain follower applications, but will not damage the
operational amplifier.
Figure 20. OPA4277-SP Input Protection
7.3.2 Input Bias Current Cancellation
The input stage base current of the OPA4277-SP is internally compensated with an equal and opposite
cancellation circuit. The resulting input bias current is the difference between the input stage base current and
the cancellation current. This residual input bias current can be positive or negative.


Similar Part No. - 5962R1620901V9A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962R1022101V9A TI1-5962R1022101V9A Datasheet
1Mb / 40P
[Old version datasheet]   6-A Synchronous Buck Converter
5962R1022101VSC TI1-5962R1022101VSC Datasheet
1Mb / 40P
[Old version datasheet]   6-A Synchronous Buck Converter
5962R1022102V9A TI1-5962R1022102V9A Datasheet
85Kb / 4P
[Old version datasheet]   Radiation Hardened 3-V to 6.3-V Input, 6-A Synchronous Buck Converter
5962R1022102V9A TI-5962R1022102V9A Datasheet
1Mb / 36P
[Old version datasheet]   TPS50601A-SP Radiation Hardened 3-V to 7-V Input, 6-A Synchronous Buck Converter
OCTOBER 2019
5962R1022102VSC TI1-5962R1022102VSC Datasheet
85Kb / 4P
[Old version datasheet]   Radiation Hardened 3-V to 6.3-V Input, 6-A Synchronous Buck Converter
More results

Similar Description - 5962R1620901V9A

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1278 MITSUMI-MM1278 Datasheet
62Kb / 3P
   High Precision Operational Amplifier
logo
Texas Instruments
OPA2277-DIE TI1-OPA2277-DIE Datasheet
168Kb / 4P
[Old version datasheet]   HIGH-PRECISION OPERATIONAL AMPLIFIER
OPA4277-EP TI1-OPA4277-EP_16 Datasheet
972Kb / 23P
[Old version datasheet]   High Precision Operational Amplifier
logo
Linear Technology
RH118 LINER-RH118_15 Datasheet
103Kb / 4P
   Precision, High Speed Operational Amplifier
logo
New Japan Radio
NJM318 NJRC-NJM318 Datasheet
213Kb / 6P
   PRECISION HIGH-SPEED OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-44 AD-OP-44_15 Datasheet
2Mb / 9P
   HIGH SPEED PRECISION OPERATIONAL AMPLIFIER
10/87, Rev. B 1
ADA4700-1 AD-ADA4700-1 Datasheet
140Kb / 10P
   High Voltage, Precision Operational Amplifier
Rev. PrB
logo
Linear Technology
RH118 LINER-RH118 Datasheet
158Kb / 4P
   Precision, High Speed Operational Amplifier
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com