Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH72015KLD-BAA-000-RE Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # TH72015KLD-BAA-000-RE
Description  FSK/ASK Transmitter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72015KLD-BAA-000-RE Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button TH72015KLD-BAA-000-RE Datasheet HTML 7Page - Melexis Microelectronic Systems TH72015KLD-BAA-000-RE Datasheet HTML 8Page - Melexis Microelectronic Systems TH72015KLD-BAA-000-RE Datasheet HTML 9Page - Melexis Microelectronic Systems TH72015KLD-BAA-000-RE Datasheet HTML 10Page - Melexis Microelectronic Systems TH72015KLD-BAA-000-RE Datasheet HTML 11Page - Melexis Microelectronic Systems TH72015KLD-BAA-000-RE Datasheet HTML 12Page - Melexis Microelectronic Systems TH72015KLD-BAA-000-RE Datasheet HTML 13Page - Melexis Microelectronic Systems TH72015KLD-BAA-000-RE Datasheet HTML 14Page - Melexis Microelectronic Systems TH72015KLD-BAA-000-RE Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TH72015
433MHz
FSK/ASK Transmitter
3901072015
Page 11 of 20
Data Sheet
Rev. 011
Jun/12
1.8
2.2
2.6
3.0
3.4
power step 0
-40°C
-20°C
0°C
25°C
85°C
105°C
125°C
Vcc
[V]
2.2
1.8
2.6
3.0
3.4
3.8
4.2
4.6
5.0
5.4
5.8
Vcc
[V]
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Standby current
SBY
I
0
50nA
150nA
100nA
200nA
1µA
2µA
3µA
4µA
5µA
125°C
85°C
25°C
5 Typical Operating Characteristics
5.1
DC Characteristics
Fig. 6: Standby current limits
Fig. 7: Supply current in power step 0


Similar Part No. - TH72015KLD-BAA-000-RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72015KLD MELEXIS-TH72015KLD Datasheet
559Kb / 20P
   433MHz FSK/ASK Transmitter
More results

Similar Description - TH72015KLD-BAA-000-RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX72013 MELEXIS-MLX72013 Datasheet
411Kb / 21P
   FSK/ASK Transmitter
EVB72013 MELEXIS-EVB72013 Datasheet
896Kb / 13P
   FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_12 Datasheet
376Kb / 15P
   FSK/ASK Transmitter
TH72016 MELEXIS-TH72016_12 Datasheet
375Kb / 15P
   FSK/ASK Transmitter
TH72005 MELEXIS-TH72005_12 Datasheet
850Kb / 20P
   FSK/ASK Transmitter
TH72035 MELEXIS-TH72035_12 Datasheet
740Kb / 20P
   FSK/ASK Transmitter
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com