Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4360-3BCP Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4360-3BCP
Description  Integrated Synthesizer and VCO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4360-3BCP Datasheet(HTML) 3 Page - Analog Devices

  ADF4360-3BCP Datasheet HTML 1Page - Analog Devices ADF4360-3BCP Datasheet HTML 2Page - Analog Devices ADF4360-3BCP Datasheet HTML 3Page - Analog Devices ADF4360-3BCP Datasheet HTML 4Page - Analog Devices ADF4360-3BCP Datasheet HTML 5Page - Analog Devices ADF4360-3BCP Datasheet HTML 6Page - Analog Devices ADF4360-3BCP Datasheet HTML 7Page - Analog Devices ADF4360-3BCP Datasheet HTML 8Page - Analog Devices ADF4360-3BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. PrA 07/03
PRELIMINARY TECHNICAL DATA
–3–
ADF4360-2 SPECIFICATIONS1
(AVDD = DVDD = VVCO = +3.3V ± 10%; AGND = DGND = 0 V;
TA = TMIN to TMAX unless otherwise noted)
Parameter
Typ ical
Units
Test Conditions/Comments
NOISE CHARACTERISTICS
VCO Phase Noise Performance2
-110
dBc/Hz
@ 100kHz offset from carrier
-130
dBc/Hz
@ 1MHz offset from carrier
-141
dBc/Hz
@ 3MHz offset from carrier
Synthesizer Phase Noise Floor
3
-172
dBc/Hz
@ 25kHz PFD Frequency
-163
dBc/Hz
@ 200kHz PFD Frequency
-147
dBc/Hz
@ 8MHz PFD Frequency
Inband Phase Noise
4,5
-83
dBc/Hz
@ 1kHz offset from carrier
RMS Integrated Phase Error6
0.64
degrees
(100Hz-100kHz)
Spurious Signals due to PFD Frequency5,7
-70
dBc
NOTES
1.
Operating temperature range is as follows: –40°C to +85°C. All measurements on this page for Core Power = 15mA.
2.
The noise of the VCO is meaured in open-loop conditions.
3.
The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20logN (where N is the N divider
value).
4.
The phase noise is measured with the EVAL-ADF4360-xEB1 Evaluation Board and the HP8562E Spectrum Analyzer. The spectrum analyzer provides the
REFIN for the synthesizer, f REFIN = 10MHz; Offset frequency = 1 kHz.
5.
f REFIN = 10 MHz; fPFD = 200 kHz; N = 10000; Loop B/W = 10kHz.
6.
f REFIN = 10 MHz; fPFD = 1 MHz; N = 2000; Loop B/W = 25kHz.
7.
The spurious signals are measured with the EVAL-ADF4360-xEB1 Evaluation Board and the HP8562E Spectrum Analyzer. The spectrum analyzer provides the
REFIN for the synthesizer (fREFOUT = 10MHz @ 0dBm).
ORDERING GUIDE
Model
Temperature Range
Frequency Range
Package Option*
ADF4360-1BCP
–40°C to +85°C
2050-2450 MHz
CP-24
ADF4360-2BCP
–40°C to +85°C
1700-2200 MHz
CP-24
ADF4360-3BCP
–40°C to +85°C
1550-1950 MHz
CP-24
ADF4360-4BCP
–40°C to +85°C
1400-1800 MHz
CP-24
ADF4360-5BCP
–40°C to +85°C
1150-1400 MHz
CP-24
ADF4360-6BCP
–40°C to +85°C
1000-1250 MHz
CP-24
ADF4360-7BCP
–40°C to +85°C
Set by External L
CP-24
PIN CONFIGURATION
TOP VIEW
ADF4360
TOP VIEW
13
14
15
16
17
18
1
2
3
4
5
6
PIN 1
IDENTIFIER
CPGND
RFOUTA
RFOUTB
AGND
RSET
VVCO
DGND
CLK
DATA
AVDD
CN
REFIN


Similar Part No. - ADF4360-3BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-3BCPZ AD-ADF4360-3BCPZ Datasheet
317Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-3BCPZ AD-ADF4360-3BCPZ Datasheet
382Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-3BCPZRL AD-ADF4360-3BCPZRL Datasheet
317Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-3BCPZRL AD-ADF4360-3BCPZRL Datasheet
382Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-3BCPZRL7 AD-ADF4360-3BCPZRL7 Datasheet
317Kb / 24P
   Integrated Synthesizer and VCO
REV. C
More results

Similar Description - ADF4360-3BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com