Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH72031 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH72031
Description  FSK Transmitter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72031 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH72031_12 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72031_12 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72031_12 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72031_12 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72031_12 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72031_12 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72031_12 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72031_12 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72031_12 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TH72031
868/915MHz
FSK Transmitter
3901072031
Page 1 of 20
Data Sheet
Rev. 012
Jun/12
Features
Fully integrated PLL-stabilized VCO
Frequency range from 850 MHz to 930 MHz
Single-ended RF output
FSK through crystal pulling allows modulation
from DC to 40 kbit/s
High FSK deviation possible for wideband data
transmission
Wide power supply range from 1.95 V to 5.5 V
Very low standby current
On-chip low voltage detector
High over-all frequency accuracy
FSK deviation and center frequency independ-
ently adjustable
Adjustable output power range from
-12 dBm to +9.5 dBm
Adjustable current consumption from
5.1 mA to 13.4 mA
Conforms to EN 300 220 and similar standards
8-pin Small Outline Integrated Circuit (SOIC)
Ordering Code
Product Code
Temperature Code
Package Code
Option Code
Packing Form Code
TH72031
K
DC
BAA-000
TU
TH72031
K
DC
BAA-000
RE
Legend:
Temperature Code:
K for Temperature Range -40°C to 125°C
Package Code:
DC for SOIC
Packing Form:
RE for Reel, TU for Tube
Ordering example:
TH72031KDC-BAA-000-TU
Application Examples
Pin Description
General digital data transmission
Tire Pressure Monitoring Systems (TPMS)
Remote Keyless Entry (RKE)
Wireless access control
Alarm and security systems
Garage door openers
Remote Controls
Home and building automation
Low-power telemetry systems
General Description
The TH72031 FSK transmitter IC is designed for applications in the European 868 MHz industrial-scientific-
medical (ISM) band, according to the EN 300 220 telecommunications standard. It can also be used for any
other system with carrier frequencies ranging from 850 MHz to 930 MHz (e.g. for applications in the US 902
to 928 MHz ISM band).
The transmitter's carrier frequency fc is determined by the frequency of the reference crystal fref. The inte-
grated PLL synthesizer ensures that each RF value, ranging from 850 MHz to 930 MHz, can be achieved.
This is done by using a crystal with a reference frequency according to: fref = fc/N, where N = 32 is the PLL
feedback divider ratio.
FSKDTA
VEE
ENTX
ROI
FSKSW
VCC
PSEL
OUT
TH72031
1
3
4
2
8
6
5
7


Similar Part No. - TH72031_12

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72031 MELEXIS-TH72031_17 Datasheet
1Mb / 21P
   868/915MHz FSK Transmitter
More results

Similar Description - TH72031_12

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72011 MELEXIS-TH72011_12 Datasheet
692Kb / 20P
   FSK Transmitter
TH72001 MELEXIS-TH72001_12 Datasheet
696Kb / 20P
   FSK Transmitter
TH72011 MELEXIS-TH72011 Datasheet
529Kb / 20P
   433MHz FSK Transmitter
TH72011 MELEXIS-TH72011_17 Datasheet
1Mb / 21P
   433MHz FSK Transmitter
TH72036 MELEXIS-TH72036_12 Datasheet
376Kb / 15P
   FSK/ASK Transmitter
TH72001 MELEXIS-TH72001 Datasheet
524Kb / 20P
   315MHz FSK Transmitter
TH72016 MELEXIS-TH72016_12 Datasheet
375Kb / 15P
   FSK/ASK Transmitter
TH72001 MELEXIS-TH72001_17 Datasheet
1Mb / 23P
   315MHz FSK Transmitter
MLX72013 MELEXIS-MLX72013 Datasheet
411Kb / 21P
   FSK/ASK Transmitter
EVB72013 MELEXIS-EVB72013 Datasheet
896Kb / 13P
   FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com