Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3477A Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3477A
Description  High Efficiency High-Side N-Channel Controller for Switching Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3477A Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3477A Datasheet HTML 6Page - National Semiconductor (TI) LM3477A Datasheet HTML 7Page - National Semiconductor (TI) LM3477A Datasheet HTML 8Page - National Semiconductor (TI) LM3477A Datasheet HTML 9Page - National Semiconductor (TI) LM3477A Datasheet HTML 10Page - National Semiconductor (TI) LM3477A Datasheet HTML 11Page - National Semiconductor (TI) LM3477A Datasheet HTML 12Page - National Semiconductor (TI) LM3477A Datasheet HTML 13Page - National Semiconductor (TI) LM3477A Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Functional Block Diagram
20003301
Functional Description
General Description
The LM3477/A is a switching regulator controller for topolo-
gies incorporating a high side switch. The most common of
these topologies is the step-down, or buck, converter. Other
topologies such as the inverting (buck-boost) and inverse
SEPIC (zeta) converters can be realized. This datasheet will
focus on buck converter applications.
The LM3477/A employs current mode control architecture.
Among the many benefits of this architecture are superior
line and load regulation, cycle-by-cycle current limiting, and
simple loop compensation. The LM3477/A features a pat-
ented adjustable slope compensation scheme to enable flex-
ible inductor selection. The LM3477/A has a combination of
features that allow its use in a wide variety of applications.
The input voltage can range from 2.97V to 35V, with the
output voltage being positive or negative depending on the
topology. The current limit can be scaled to safely drive a
wide range of loads. An internal soft-start is provided to limit
initial in-rush current. Output over voltage and input under
voltage protection ensure safe operation of the LM3477/A.
Regions of Operation
Pulse width modulation (PWM) is the normal mode of opera-
tion. In PWM, the output voltage is well regulated and has a
ripple frequency equal to the switching frequency (500kHz).
In low load conditions, the part operates in hysteretic mode.
In this mode, the output voltage is regulated between a high
and low value that results in a higher ripple magnitude and
lower ripple frequency than in PWM mode (see OVER VOLT-
AGE PROTECTION section).
200033J2
FIGURE 1. Operating Regions of the LM3477/A
www.national.com
10


Similar Part No. - LM3477A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3477AMM/NOPB TI-LM3477AMM/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477AMMX/NOPB TI-LM3477AMMX/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
More results

Similar Description - LM3477A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3487 NSC-LM3487 Datasheet
2Mb / 22P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3477 TI1-LM3477_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477 TI-LM3477_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MA TI-LM3478MA_15 Datasheet
670Kb / 26P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478 NSC-LM3478_09 Datasheet
507Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI-LM3478_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3478x/-Q1 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com