Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62162-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62162-Q1
Description  3-V to 17-V 1-A Step-Down Converter with DCS-Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62162-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62162-Q1 Datasheet HTML 5Page - Texas Instruments TPS62162-Q1 Datasheet HTML 6Page - Texas Instruments TPS62162-Q1 Datasheet HTML 7Page - Texas Instruments TPS62162-Q1 Datasheet HTML 8Page - Texas Instruments TPS62162-Q1 Datasheet HTML 9Page - Texas Instruments TPS62162-Q1 Datasheet HTML 10Page - Texas Instruments TPS62162-Q1 Datasheet HTML 11Page - Texas Instruments TPS62162-Q1 Datasheet HTML 12Page - Texas Instruments TPS62162-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
OUT
ON
IN
V
t
420ns
V
=
´
9
TPS62160-Q1, TPS62162-Q1
www.ti.com
SLVSCK6A – DECEMBER 2014 – REVISED NOVEMBER 2016
Product Folder Links: TPS62160-Q1 TPS62162-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Feature Description (continued)
space
The TPS6216x-Q1 can start into a pre-biased output. During monotonic pre-biased startup, the low-side
MOSFET is not allowed to turn on until the device's internal ramp sets an output voltage above the pre-bias
voltage.
9.3.3 Power Good (PG)
The TPS6216x-Q1 has a built in power good (PG) function to indicate whether the output voltage has reached its
appropriate level or not. The PG signal can be used for startup sequencing of multiple rails. The PG pin is an
open-drain output that requires a pull-up resistor (to any voltage below 7 V). It can sink 2 mA of current and
maintain its specified logic low level. It is high impedance when the device is turned off due to EN, UVLO or
thermal shutdown.
9.3.4 Under Voltage Lockout (UVLO)
If the input voltage drops, the under voltage lockout prevents misoperation of the device by switching off both the
power FETs. The under voltage lockout threshold is set typically to 2.7 V. The device is fully operational for
voltages above the UVLO threshold and turns off if the input voltage trips the threshold. The converter starts
operation again once the input voltage exceeds the threshold by a hysteresis of typically 180 mV.
9.3.5 Thermal Shutdown
The junction temperature (TJ) of the device is monitored by an internal temperature sensor. If TJ exceeds 160°C
(typ), the device goes into thermal shut down. Both the high-side and low-side power FETs are turned off and PG
goes high impedance. When TJ decreases below the hysteresis amount, the converter resumes normal
operation, beginning with Soft Start. To avoid unstable conditions, a hysteresis of typically 20°C is implemented
on the thermal shut down temperature.
9.4 Device Functional Modes
9.4.1 Pulse Width Modulation (PWM) Operation
The TPS6216x-Q1 operates with pulse width modulation in continuous conduction mode (CCM) with a nominal
switching frequency of about 2.25 MHz. The frequency variation in PWM is controlled and depends on VIN, VOUT
and the inductance. The device operates in PWM mode as long the output current is higher than half the
inductor's ripple current. To maintain high efficiency at light loads, the device enters Power Save Mode at the
boundary to discontinuous conduction mode (DCM). This happens if the output current becomes smaller than
half the inductor's ripple current.
9.4.2 Power Save Operation
The TPS6216x-Q1's built in Power Save Mode will be entered seamlessly, if the load current decreases. This
secures a high efficiency in light load operation. The device remains in Power Save Mode as long as the inductor
current is discontinuous.
In Power Save Mode the switching frequency decreases linearly with the load current maintaining high efficiency.
The transition into and out of Power Save Mode happens within the entire regulation scheme and is seamless in
both directions.
The TPS6216x-Q1 includes a fixed on-time circuitry. This on-time, in steady-state operation, can be estimated
as:
space
(1)
space
For very small output voltages, the on-time increases beyond the result of Equation 1, to stay above an absolute
minimum on-time, tON(min), which is around 80 ns to limit switching losses.


Similar Part No. - TPS62162-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62162 TI1-TPS62162 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62162 TI1-TPS62162 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62162DSG TI1-TPS62162DSG Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62162DSGR TI1-TPS62162DSGR Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62162DSGT TI1-TPS62162DSGT Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
More results

Similar Description - TPS62162-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com