Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS6213013AQRGTRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6213013AQRGTRQ1
Description  3-V to 17-V 3-A Step-Down Converter with DCS-Control
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6213013AQRGTRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS6213013AQRGTRQ1 Datasheet HTML 1Page - Texas Instruments TPS6213013AQRGTRQ1 Datasheet HTML 2Page - Texas Instruments TPS6213013AQRGTRQ1 Datasheet HTML 3Page - Texas Instruments TPS6213013AQRGTRQ1 Datasheet HTML 4Page - Texas Instruments TPS6213013AQRGTRQ1 Datasheet HTML 5Page - Texas Instruments TPS6213013AQRGTRQ1 Datasheet HTML 6Page - Texas Instruments TPS6213013AQRGTRQ1 Datasheet HTML 7Page - Texas Instruments TPS6213013AQRGTRQ1 Datasheet HTML 8Page - Texas Instruments TPS6213013AQRGTRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
TPS62130A-Q1, TPS62133A-Q1, TPS6213013A-Q1
www.ti.com
SLVSCC2B – MAY 2014 – REVISED NOVEMBER 2016
Product Folder Links: TPS62130A-Q1 TPS62133A-Q1 TPS6213013A-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Current into AVIN+PVIN pin.
(2)
This is the regulation accuracy of the voltage at the FB pin (adjustable version) and of the output voltage (fixed version).
7.5 Electrical Characteristics
over junction temperature range (TJ = –40°C to +125°C), typical values at VIN = 12V and TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
SUPPLY
VIN
Input voltage range
3
17
V
IQ
Operating quiescent current
EN=High, IOUT=0mA, device not switching
17
30
µA
ISD
Shutdown current(1)
EN=Low
1.5
25
µA
VUVLO
Undervoltage lockout threshold
Falling Input Voltage (PWM mode operation)
2.6
2.7
2.8
V
Hysteresis
200
mV
TSD
Thermal shutdown temperature
160
°C
Thermal shutdown hysteresis
20
CONTROL (EN, DEF, LOG, SS/TR, PG)
VH
High level input threshold voltage (EN,
DEF)
0.9
V
VL
Low level input threshold voltage (EN,
DEF)
0.3
V
ILKG
Input leakage current (EN, DEF, LOG)
EN=VIN or GND; DEF, LOG=GND
0.01
1
µA
VTH_PG
Power good threshold voltage
Rising (%VOUT)
92%
95%
98%
Falling (%VOUT)
87%
90%
94%
VOL_PG
Power good output low
IPG=–2mA
0.07
0.3
V
ILKG_PG
Input leakage current (PG)
VPG=1.8V
1
400
nA
ISS/TR
SS/TR pin source current
2.3
2.5
2.7
µA
POWER SWITCH
RDS(ON)
High-side MOSFET ON-resistance
VIN≥6V
90
170
VIN=3V
120
Low-side MOSFET ON-resistance
VIN≥6V
40
70
VIN=3V
50
ILIMF
High-side MOSFET forward current limit
VIN =12V, TA= 25°C
3.6
4.2
4.9
A
OUTPUT
VREF
Internal reference voltage
0.8
V
ILKG_FB
Input leakage current (FB)
VFB=0.8V
1
100
nA
VOUT
Output voltage range (TPS62130A-Q1)
VIN ≥ VOUT
0.9
6.0
V
DEF (Output voltage programming)
DEF=0 (GND)
VOUT
DEF=1 (VOUT)
VOUT+5%
Output voltage accuracy(2)
PWM mode operation, VIN ≥ VOUT +1V
–1.8%
1.8%
Power Save Mode operation, COUT=22µF
–2.3%
2.8%
Load regulation
VIN=12V, VOUT=3.3V, PWM mode operation
0.05
%/A
Line regulation
3V
≤ VIN ≤ 17V, VOUT=3.3V, IOUT= 1A, PWM
mode operation
0.02
%/V


Similar Part No. - TPS6213013AQRGTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130A TI1-TPS62130A Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130A TI1-TPS62130A Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
More results

Similar Description - TPS6213013AQRGTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com