Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40422 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS40422
Description  Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40422 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40422_16 Datasheet HTML 4Page - Texas Instruments TPS40422_16 Datasheet HTML 5Page - Texas Instruments TPS40422_16 Datasheet HTML 6Page - Texas Instruments TPS40422_16 Datasheet HTML 7Page - Texas Instruments TPS40422_16 Datasheet HTML 8Page - Texas Instruments TPS40422_16 Datasheet HTML 9Page - Texas Instruments TPS40422_16 Datasheet HTML 10Page - Texas Instruments TPS40422_16 Datasheet HTML 11Page - Texas Instruments TPS40422_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
8
TPS40422
SLUSAQ4E – OCTOBER 2011 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS40422
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TJ = –40ºC to 125ºC, VIN = VDD = 12 V, fSW = 500 kHz, all parameters at zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
tOFF(oc)
Off-time between restart attempts
Hiccup mode
7×tSS
ms
DCR
Inductor DCR current sensing calibration value
Factory default settings
0.488
Programmable range
0.240
15.500
IOC(flt)
Output current overcurrent fault threshold
Factory default settings
30
A
Programmable range
3
50
IOC(warn)
Output current overcurrent warning threshold
Factory default settings
27
A
Programmable range
2
49
IOC(tc)
Output current fault/warning temperature
coefficient(2)
3900
4000
4100
ppm/°C
IOC(acc)
Output warning and fault accuracy
(VCSxP-VCSxN) = 30 mV
–15%
15%
PGOOD
VFBPGH
FB PGOOD high threshold
Factory default settings
675
mV
VFBPGL
FB PGOOD low threshold
Factory default settings
525
mV
VPG(acc)
PGOOD accuracy over range
4.5 V
≤ VVDD ≤ 20 V,
468 mV
≤ VPGOOD ≤ 675 mV
–4%
4%
Vpg(hyst)
FB PGOOD hysteresis voltage
25
40
mV
RPGOOD
PGOOD pulldown resistance
VFB = 0, IPGOOD = 5 mA
40
70
Ω
IPGOOD(lk)
PGOOD pin leakage current
No fault, VPGOOD = 5 V
20
µA
OUTPUT OVERVOLTAGE/UNDERVOLTAGE
VFBOV
FB pin over voltage threshold
Factory default settings
700
mV
VFBUV
FB pin under voltage threshold
Factory default settings
500
mV
VUVOV(acc)
FB UV/OV accuracy over range
4.5 V
≤ VVDD ≤ 20 V
–4%
4%
OUTPUT VOLTAGE TRIMMING AND MARGINING
VFBTM(step)
Resolution of FB steps with trim and margin
2
mV
tFBTM(step)
Transition time per trim or margin step
After soft-start time
30
µs
VFBTM(max)
Maximum FB voltage with trim and/or margin
660
mV
VFBTM(min)
Minimum FB voltage with trim or margin only
480
mV
Minimum FB voltage range with trim and margin
combined
420
VFBMH
Margin high FB pin voltage
Factory default settings
660
mV
VFBML
Margin low FB pin voltage
Factory default settings
540
mV
TEMPERATURE SENSE AND THERMAL SHUTDOWN
TSD
Junction thermal shutdown temperature(2)
135
145
155
°C
THYST
Thermal shutdown hysteresis(2)
15
20
25
°C
ITSNS(ratio)
Ratio of bias current flowing out of TSNS pin,
state 2 to state 1
9.7
10.0
10.3
ITSNS
State 1 current out of TSNSx pin(2)
10
µA
ITSNS
State 2 current out of TSNSx pin(2)
100
µA
VTSNS
Voltage range on TSNSx pin(2)
0
1.00
V
TSNS(acc)
External temperature sense accuracy(2)
0°C
≤ TJ ≤ 125°C
–5
5
°C
TOT(flt)
Overtemperature fault limit(2)
Factory default settings
145
°C
OT fault limit range(2)
120
165
°C
TOT(warn)
Overtemperature warning limit(2)
Factory default settings
125
°C
OT warning limit range(2)
100
140
°C
TOT(step)
OT fault/warning step
5
°C
TOT(hys)
OT fault/warning hysteresis(2)
15
20
25
°C


Similar Part No. - TPS40422_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40422RHA TI1-TPS40422RHA Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
TPS40422RHAR TI1-TPS40422RHAR Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422RHAT TI1-TPS40422RHAT Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
More results

Similar Description - TPS40422_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com