Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA388 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388
Description  Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA388 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA388 Datasheet HTML 11Page - Texas Instruments OPA388 Datasheet HTML 12Page - Texas Instruments OPA388 Datasheet HTML 13Page - Texas Instruments OPA388 Datasheet HTML 14Page - Texas Instruments OPA388 Datasheet HTML 15Page - Texas Instruments OPA388 Datasheet HTML 16Page - Texas Instruments OPA388 Datasheet HTML 17Page - Texas Instruments OPA388 Datasheet HTML 18Page - Texas Instruments OPA388 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
+IN
±IN
OUT
Copyright © 2016, Texas Instruments Incorporated
Ripple Reduction
Technology
CLK
CLK
Low-noise
Charge-pump
GM1
GM2
GM_FF
GM3
CCOMP
CCOMP
15
OPA388, OPA2388, OPA4388
www.ti.com
SBOS777 – DECEMBER 2016
Product Folder Links: OPA388 OPA2388 OPA4388
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The OPAx388 family of zero-drift amplifiers is engineered with the unique combination of a proprietary precision
auto-calibration technique paired with a low-noise, low-ripple, input charge pump. These amplifiers offer ultra-low
input offset voltage and drift and achieve excellent input and output dynamic linearity. The OPAx388 operates
from 2.5 V to 5.5 V, is unity-gain stable, and is suitable for a wide range of general-purpose and precision
applications. The integrated, low-noise charge pump allows true rail-to-rail input common-mode operation without
distortion associated with complementary rail-to-rail input topologies (input crossover distortion). The OPAx388
strengths also include 10-MHz bandwidth, 7-nV/
√Hz noise spectral density, and no 1/f noise, making the
OPAx388 optimal for interfacing with sensor modules and buffering high-fidelity, digital-to-analog converters
(DACs).
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Operating Voltage
The OPA3x88 family of operational amplifiers can be used with single or dual supplies from an operating range
of VS = 2.5 V (±1.25 V) up to 5.5 V (±2.75 V). Supply voltages greater than 7 V can permanently damage the
device (see Absolute Maximum Ratings). Key parameters that vary over the supply voltage or temperature range
are shown in the Typical Characteristics section.


Similar Part No. - OPA388

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA388 TI1-OPA388 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388 TI1-OPA388 Datasheet
2Mb / 45P
[Old version datasheet]   OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
More results

Similar Description - OPA388

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_17 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388_1812 TI1-OPA388_1812 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388-Q1 TI-OPA388-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPAx388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
NOVEMBER 2021
OPA388-Q1 TI-OPA388-Q1 Datasheet
2Mb / 31P
[Old version datasheet]   OPA388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifier
OPA186 TI1-OPA186_V01 Datasheet
2Mb / 48P
[Old version datasheet]   OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
REVISED JULY 2023
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com