Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8681 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8681
Description  16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8681 Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS8681 Datasheet HTML 22Page - Texas Instruments ADS8681 Datasheet HTML 23Page - Texas Instruments ADS8681 Datasheet HTML 24Page - Texas Instruments ADS8681 Datasheet HTML 25Page - Texas Instruments ADS8681 Datasheet HTML 26Page - Texas Instruments ADS8681 Datasheet HTML 27Page - Texas Instruments ADS8681 Datasheet HTML 28Page - Texas Instruments ADS8681 Datasheet HTML 29Page - Texas Instruments ADS8681 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
Input Frequency (Hz)
-15
-12
-9
-6
-3
0
3
10
100
1k
10k
100k
D058
±12.288 V
±10.24 V
±6.144 V
±5.12 V
±2.56 V
0-12.288 V
0-10.24 V
0-6.144 V
0-5.12 V
Input Frequency (Hz)
-135
-90
-45
0
45
10
100
1k
10k
100k
D059
± 12.288 V
± 10.24 V
± 6.144 V
± 5.12 V
± 2.56 V
0-12.288 V
0-10.24 V
0-6.144 V
0-5.12 V
26
ADS8681, ADS8685, ADS8689
SBAS633B – FEBRUARY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADS8681 ADS8685 ADS8689
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3.4 Programmable Gain Amplifier (PGA)
The device features a programmable gain amplifier (PGA) as part of the analog signal-conditioning circuit that
converts the original single-ended input signal into a fully-differential signal to drive the internal SAR ADC. The
PGA also adjusts the common-mode level of the input signal before feeding it into the SAR ADC to ensure
maximum usage of the ADC input dynamic range. Depending on the range of the input signal, the PGA gain can
be adjusted by setting the RANGE_SEL[3:0] bits in the configuration register (see the RANGE_SEL_REG
register). The default or power-on state for the RANGE_SEL[3:0] bits is 0000, corresponding to an input signal
range of ±3 × VREF. Table 3 lists the various configurations of the RANGE_SEL[3:0] bits for the different analog
input voltage ranges.
The PGA uses a precisely-matched network of resistors for multiple gain configurations. Matching between these
resistors is accurately trimmed to keep the overall gain error low across all input ranges.
Table 3. Input Range Selection Bits Configuration
ANALOG INPUT RANGE
RANGE_SEL[3:0]
BIT 3
BIT 2
BIT 1
BIT 0
±3 × VREF
0
0
0
0
±2.5 × VREF
0
0
0
1
±1.5 × VREF
0
0
1
0
±1.25 × VREF
0
0
1
1
±0.625 × VREF
0
1
0
0
0–3 × VREF
1
0
0
0
0–2.5 × VREF
1
0
0
1
0–1.5 × VREF
1
0
1
0
0–1.25 × VREF
1
0
1
1
7.3.5 Second-Order, Low-Pass Filter (LPF)
In order to mitigate the noise of the front-end amplifier and gain resistors of the PGA, the AFE circuit of the
device features a second-order, antialiasing LPF at the output of the PGA. The magnitude and phase response
of the analog antialiasing filter are shown in Figure 51 and Figure 52, respectively. For maximum performance,
the –3-dB cutoff frequency for the antialiasing filter is typically set to 15 kHz. The performance of the filter is
consistent across all input ranges supported by the ADC.
Figure 51. Second-Order LPF Magnitude Response
Figure 52. Second-Order LPF Phase Response


Similar Part No. - ADS8681

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IPW TI1-ADS8681IPW Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IPWR TI1-ADS8681IPWR Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IRUMR TI1-ADS8681IRUMR Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IRUMT TI1-ADS8681IRUMT Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
More results

Similar Description - ADS8681

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8691 TI1-ADS8691 Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com