Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8681 Datasheet(PDF) 61 Page - Texas Instruments

Part # ADS8681
Description  16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8681 Datasheet(HTML) 61 Page - Texas Instruments

Back Button ADS8681_16 Datasheet HTML 57Page - Texas Instruments ADS8681_16 Datasheet HTML 58Page - Texas Instruments ADS8681_16 Datasheet HTML 59Page - Texas Instruments ADS8681_16 Datasheet HTML 60Page - Texas Instruments ADS8681_16 Datasheet HTML 61Page - Texas Instruments ADS8681_16 Datasheet HTML 62Page - Texas Instruments ADS8681_16 Datasheet HTML 63Page - Texas Instruments ADS8681_16 Datasheet HTML 64Page - Texas Instruments ADS8681_16 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 74 page
background image
61
ADS8681, ADS8685, ADS8689
www.ti.com
SBAS633B – FEBRUARY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADS8681 ADS8685 ADS8689
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Power Saving (continued)
9.2.2 Power-Down (PD) Mode
The device also features a deep power-down mode (PD) to reduce the power consumption at very low
throughput rates.
The following steps must be taken to enter PD mode:
1. Write 69h to register address 05h to unlock the RST_PWRCTL_REG register.
2. Set the PWRDN bit in the RST_PWRCTL_REG register to 1b. The device enters PD mode on the rising
edge of the CONVST/CS signal.
In PD mode, all analog blocks within the device are powered down; however, the interface remains active and
the register contents are also retained. The RVS pin is high, indicating that the device is ready to receive the
next command.
In order to exit PD mode:
1. Clear the PWRDN bit in the RST_PWRCTL_REG register to 0b.
2. The RVS pin goes high, indicating that the device has started coming out of PD mode. However, the host
controller must wait for the tPWRUP time (see the Timing Requirements: Asynchronous Reset table) to elapse
before initiating a new conversion.
10 Layout
10.1 Layout Guidelines
Figure 102 illustrates a PCB layout example for the ADS868x.
Partition the PCB into analog and digital sections. Care must be taken to ensure that the analog signals are
kept away from the digital lines. This layout helps keep the analog input and reference input signals away
from the digital noise. In this layout example, the analog input and reference signals are routed on the lower
side of the board and the digital connections are routed on the top side of the board.
Using a single dedicated ground plane is strongly encouraged.
Power sources to the ADS868x must be clean and well-bypassed. Using a 1-μF, X7R-grade, 0603-size
ceramic capacitor with at least a 10-V rating in close proximity to the analog (AVDD) supply pins is
recommended. For decoupling the digital supply pin (DVDD), a 1-μF, X7R-grade, 0603-size ceramic capacitor
with at least a 10-V rating is recommended. Placing vias between the AVDD, DVDD pins and the bypass
capacitors must be avoided. All ground pins must be connected to the ground plane using short, low-
impedance paths.
There are two decoupling capacitors used for the REFCAP pin. The first is a small, 1-μF, 0603-size ceramic
capacitor placed close to the device pins for decoupling the high-frequency signals and the second is a
10-μF, 0805-size ceramic capacitor to provide the charge required by the reference circuit of the device. A
capacitor with an ESR less than 0.2 Ω is recommended for the 10-μF capacitor. Both of these capacitors
must be directly connected to the device pins without any vias between the pins and capacitors.
The REFIO pin also must be decoupled with a minimum of 4.7-μF ceramic capacitor if the internal reference
of the device is used. The capacitor must be placed close to the device pins.


Similar Part No. - ADS8681_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8681IPW TI1-ADS8681IPW Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IPWR TI1-ADS8681IPWR Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IRUMR TI1-ADS8681IRUMR Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IRUMT TI1-ADS8681IRUMT Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
More results

Similar Description - ADS8681_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8691 TI1-ADS8691 Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com