Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADS8671 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS8671
Description  14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

ADS8671 Datasheet(HTML) 16 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
Codes (LSB)
0
4096
8192
12288
16383
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
D013
Free-Air Temperature (qC)
-40
-7
26
59
92
125
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
D014
Maximum
Minimum
Codes (LSB)
0
4096
8192
12288
16383
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
D012
Free-Air Temperature (qC)
-40
-7
26
59
92
125
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
D011
Maximum
Minimum
Codes (LSB)
0
4096
8192
12288
16383
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
D010
Output Codes
0
15000
30000
45000
60000
75000
8190
8191
8192
8193
8194
D009
16
ADS8671, ADS8675
SBAS779 – DECEMBER 2016
www.ti.com
Product Folder Links: ADS8671 ADS8675
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, AVDD = 5 V, DVDD = 3 V, VREF = 4.096 V (internal), and maximum throughput (unless otherwise noted)
Mean = 8191.59, sigma = 0.5, input = 2.56 V
Figure 21. DC Histogram for Mid-Scale Inputs (0 V–5.12 V)
All input ranges
Figure 22. Typical DNL for All Codes
All input ranges
Figure 23. DNL vs Temperature
Figure 24. Typical INL for All Codes (All Bipolar Ranges)
Figure 25. Typical INL for All Codes (All Unipolar Ranges)
Figure 26. INL vs Temperature (All Bipolar Ranges)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn