Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8671 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8671
Description  14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8671 Datasheet(HTML) 58 Page - Texas Instruments

Back Button ADS8671 Datasheet HTML 54Page - Texas Instruments ADS8671 Datasheet HTML 55Page - Texas Instruments ADS8671 Datasheet HTML 56Page - Texas Instruments ADS8671 Datasheet HTML 57Page - Texas Instruments ADS8671 Datasheet HTML 58Page - Texas Instruments ADS8671 Datasheet HTML 59Page - Texas Instruments ADS8671 Datasheet HTML 60Page - Texas Instruments ADS8671 Datasheet HTML 61Page - Texas Instruments ADS8671 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
Input Frequency (Hz)
-80
-70
-60
-50
-40
-30
100
1k
10k
100k
D057
± 12.288 V
± 10.24 V
± 6.144 V
± 5.12 V
± 2.56 V
0-12.288 V
0-10.24 V
0-6.144 V
0-5.12 V
Input Frequency (Hz)
-100
-90
-80
-70
-60
-50
100
1k
10k
100k
D056
± 12.288 V
± 10.24 V
± 6.144 V
± 5.12 V
± 2.56 V
0-12.288 V
0-10.24 V
0-6.144 V
0-5.12 V
58
ADS8671, ADS8675
SBAS779 – DECEMBER 2016
www.ti.com
Product Folder Links: ADS8671 ADS8675
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The device uses two separate power supplies: AVDD and DVDD. The internal circuits of the device operate on
AVDD and DVDD is used for the digital interface. AVDD and DVDD can be independently set to any value within
the permissible range.
9.1 Power Supply Decoupling
The AVDD supply pins must be decoupled with AGND by using a minimum 10-µF and 1-µF capacitor on each
supply. Place the 1-µF capacitor as close to the supply pins as possible. Place a minimum 10-µF decoupling
capacitor very close to the DVDD supply to provide the high-frequency digital switching current. The effect of
using the decoupling capacitor is illustrated in the difference between the power-supply rejection ratio (PSRR)
performance of the device. Figure 97 shows the PSRR of the device without using a decoupling capacitor. The
PSRR improves when the decoupling capacitors are used, as shown in Figure 98.
Figure 97. PSRR Without a Decoupling Capacitor
Figure 98. PSRR With a Decoupling Capacitor
9.2 Power Saving
In normal mode of operation, the device does not power down between conversions, and therefore achieves high
throughput.However, the device offers two programmable low-power modes: NAP and power-down (PD) to
reduce power consumption when the device is operated at lower throughput rates.
9.2.1 NAP Mode
In NAP mode, the internal blocks of the device are placed into a low-power mode to reduce the overall power
consumption of the device in the ACQ state.
To enable NAP mode:
Write 69h to register address 05h to unlock the RST_PWRCTL_REG register.
The NAP_EN bit in the RST_PWRCTL_REG register must be set to 1b. The CONVST/CS pin must be kept
high at the end of the conversion process. The device then enters NAP mode at the end of conversion and
remains in NAP mode as long as the CONVST/CS pin is held high.
A falling edge on the CONVST/CS brings the device out of NAP mode; however, the host controller can initiate a
new conversion (CONVST/CS rising edge) only after the tNAP_WKUP time has elapsed (see the Timing
Requirements: Asynchronous Reset table).


Similar Part No. - ADS8671

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8674 TI1-ADS8674 Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8674IDBT TI1-ADS8674IDBT Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8674IDBTR TI1-ADS8674IDBTR Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8678 TI1-ADS8678 Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8678IDBT TI1-ADS8678IDBT Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
More results

Similar Description - ADS8671

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8691 TI1-ADS8691 Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681_16 Datasheet
1Mb / 74P
[Old version datasheet]   16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Analog Devices
AD7367 AD-AD7367 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7951 AD-AD7951 Datasheet
761Kb / 33P
   14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
AD7951BSTZ AD-AD7951BSTZ Datasheet
518Kb / 32P
   14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. A
logo
Texas Instruments
ADS8578S TI1-ADS8578S Datasheet
1Mb / 58P
[Old version datasheet]   14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com