Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADS8671 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS8671
Description  14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

ADS8671 Datasheet(HTML) 41 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
41
ADS8671, ADS8675
www.ti.com
SBAS779 – DECEMBER 2016
Product Folder Links: ADS8671 ADS8675
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Programming (continued)
7.5.2 Input Command Word and Register Write Operation
Any data write operation to the device is always synchronous to the external clock provided on the SCLK pin.
The device allows either one byte or two bytes (equivalent to half a word) to be read or written during any device
programming operation. Table 5 lists the input commands supported by the device. The input commands
associated with reading or writing two bytes in a single operation are suffixed as HWORD.
For any HWORD command, the LSB of the 9-bit address is always ignored and considered as 0b. For example,
regardless whether address 04h or 05h is entered for any particular HWORD command, the device always
exercises the command on address 04h.
Table 5. List of Input Commands
OPCODE
B[31:0]
COMMAND
ACRONYM
COMMAND DESCRIPTION
00000000_000000000_
00000000_00000000
NOP
No operation
11000_xx_<9-bit address>_
<16-bit data>
CLEAR_HWORD
Command used to clear any (or a group of) bits of a register.
Any bit marked 1 in the data field results in that particular bit of the specified register being
reset to 0, leaving the other bits unchanged.
Half-word command (that is, the command functions on 16 bits at a time).
LSB of the 9-bit address is always ignored and considered as 0b.
11001_xx_<9-bit address>_
00000000_00000000
READ_HWORD
Command used to perform a 16-bit read operation.
Half-word command (that is, the device outputs 16 bits of register data at a time).
LSB of the 9-bit address is always ignored and considered as 0b.
Upon receiving this command, the device sends out 16 bits of the register in the next frame.
01001_xx_<9-bit address>_
00000000_00000000
READ
Same as the READ_HWORD except that only eight bits of the register (byte read) are
returned in the next frame.
11010_00_<9-bit address>_
<16-bit data>
WRITE
Half-word write command (two bytes of input data are written into the specified address).
LSB of the 9-bit address is always ignored and considered as 0b.
11010_01_<9-bit address>_
<16-bit data>
Half-word write command.
LSB of the 9-bit address is always ignored and considered as 0b.
With this command, only the MS byte of the 16-bit data word is written at the specified
register address. The LS byte is ignored.
11010_10_<9-bit address>_
<16-bit data>
Half-word write command.
LSB of the 9-bit address is always ignored and considered as 0b.
With this command, only the LS byte of the 16-bit data word is written at the specified register
address. The MS byte is ignored.
11011_xx_<9-bit address>_
<16-bit data>
SET_HWORD
Command used to set any (or a group of) bits of a register.
Any bit marked 1 in the data field results in that particular bit of the specified register being set
to 1, leaving the other bits unchanged.
Half-word command (that is, the command functions on 16 bits at a time).
LSB of the 9-bit address is always ignored and considered as 0b.
All other input command
combinations
NOP
No operation
All input commands (including the CLEAR_HWORD, WRITE, and SET_HWORD commands listed in Table 5)
used to configure the internal registers must be 32 bits long. If any of these commands are provided in a
particular data frame F, that command gets executed at the rising edge of the CONVST/CS signal.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn