Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS201610H6R8MF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SPS201610H6R8MF
Description  SMD POWER INDUCTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS201610H6R8MF Datasheet(HTML) 1 Page - Superworld Electronics

  SPS201610H6R8MF Datasheet HTML 1Page - Superworld Electronics SPS201610H6R8MF Datasheet HTML 2Page - Superworld Electronics SPS201610H6R8MF Datasheet HTML 3Page - Superworld Electronics SPS201610H6R8MF Datasheet HTML 4Page - Superworld Electronics SPS201610H6R8MF Datasheet HTML 5Page - Superworld Electronics SPS201610H6R8MF Datasheet HTML 6Page - Superworld Electronics SPS201610H6R8MF Datasheet HTML 7Page - Superworld Electronics SPS201610H6R8MF Datasheet HTML 8Page - Superworld Electronics SPS201610H6R8MF Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
(a)
(b)
(c)
1. PART NO. EXPRESSION :
(b) Dimension code
(a) Series code
2. CONFIGURATION & DIMENSIONS :
SPS201610H SERIES
SMD POWER INDUCTOR
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
15.08.2013
BD
0.80 Ref.
E
Unit:m/m
2.0±0.2
A
C
1.02 Max.
0.60 Ref.
SUPERWORLD ELECTRONICS (S) PTE LTD
S P S 2 0 1 6 1 0 H R 4 7 Y F
A
D
E
D
3. MATERIALS :
(a) Core : Ferrite Core
(b) Coating : Epoxy with magnetic powder
(c) Termination : Tin Pb Free
(d) Wire :Enameled Copper Wire
c
d
b
a
(d)
(e) Tolerance code : Y=±30%
(d) Inductance code : R47 = 0.47 μH
Exposed wire tolerance limit of coating resin part on product side.
Size of exposed wire occurring to coating resin is specified below.
1. Width direction(dimension a):Acceptable when a≦w/2
Nonconforming when a>w/2
2. Length direction(dimension b):Dimension b is not specified.
3. The total area of exposed wire occurring to each sides is
not greater than 50% of coating resin area, and is acceptable.
a
w
1.6±0.2
(e)
(c) Material code
(f)
(f) RoHS Compliant


Similar Part No. - SPS201610H6R8MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS201610D1R0MF SUPERWORLD-SPS201610D1R0MF Datasheet
373Kb / 8P
   SMD POWER INDUCTOR
SPS201610D2R2MF SUPERWORLD-SPS201610D2R2MF Datasheet
373Kb / 8P
   SMD POWER INDUCTOR
SPS201610DR24MF SUPERWORLD-SPS201610DR24MF Datasheet
373Kb / 8P
   SMD POWER INDUCTOR
SPS201610DR56MF SUPERWORLD-SPS201610DR56MF Datasheet
373Kb / 8P
   SMD POWER INDUCTOR
SPS201610DR68MF SUPERWORLD-SPS201610DR68MF Datasheet
373Kb / 8P
   SMD POWER INDUCTOR
More results

Similar Description - SPS201610H6R8MF

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com