Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8588S Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8588S
Description  16-Bit, 200-kSPS, 8-, 6- and 4-Channel, Simultaneous-Sampling ADCs with Bipolar Inputs on a Single Supply
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8588S Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS8588S Datasheet HTML 26Page - Texas Instruments ADS8588S Datasheet HTML 27Page - Texas Instruments ADS8588S Datasheet HTML 28Page - Texas Instruments ADS8588S Datasheet HTML 29Page - Texas Instruments ADS8588S Datasheet HTML 30Page - Texas Instruments ADS8588S Datasheet HTML 31Page - Texas Instruments ADS8588S Datasheet HTML 32Page - Texas Instruments ADS8588S Datasheet HTML 33Page - Texas Instruments ADS8588S Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
ADC
2.5 V
VREF
REFCAPB
REFIN /
REFOUT
AGND
10 PF
REFGND
10 PF
REFSEL
AVDD
REFCAPA
DVDD
30
ADS8588S, ADS8586S, ADS8584S
SBAS642 – DECEMBER 2016
www.ti.com
Product Folder Links: ADS8588S ADS8586S ADS8584S
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
In oversampling mode (see the Oversampling Mode of Operation section), the ADC takes the first sample for
each channel at the rising edge of the CONVSTA, CONVSTB signals. After converting the first sample, the
subsequent samples are taken by an internally generated sampling control signal. The samples are then
averaged to reduce the noise of the signal chain as well as to improve the SNR of the ADC. The final output is
also decimated to provide a 16-bit output for each channel. Table 1 lists the typical SNR performance for both
the ±10-V and ±5-V input ranges, including the –3-dB bandwidth and proportional maximum throughput per
channel. When the oversampling ratio increases, there is a proportional improvement in the SNR performance
and decrease in the bandwidth of the input filter.
8.3.8 Reference
The ADS8588S, ADS8586S, and ADS8584S can operate with either an internal voltage reference or an external
voltage reference using an internal gain amplifier. The internal or external reference selection is determined by
an external REFSEL pin, as explained in the REFSEL (Input) section. The REFIN/REFOUT pin outputs the
internal band-gap voltage (in internal reference mode) or functions as an input to the external reference voltage
(in external reference mode). In both cases, the on-chip amplifier is always enabled. Use this internal amplifier to
gain the reference voltage and drive the actual reference input of the internal ADC core for maximizing
performance. The REFCAPA (pin 45) and REFCAPB (pin 44) pins must be shorted together externally and a
ceramic capacitor of 10 µF (minimum) must be connected between this node and REFGND (pin 43) to ensure
that the internal reference buffer is operating as closed loop.
8.3.8.1 Internal Reference
The devices have an internal 2.5-V (nominal value) band-gap reference. In order to select the internal reference,
the REFSEL pin must be tied high or connected to DVDD. When the internal reference is used, REFIN/REFOUT
(pin 42) becomes an output pin with the internal reference value. A 10-μF (minimum) decoupling capacitor is
recommended to be placed between the REFIN/REFOUT pin and REFGND (pin 43), as shown in Figure 57. The
capacitor must be placed as close to the REFIN/REFOUT pin as possible. The output impedance of the internal
band-gap creates a low-pass filter with this capacitor to band-limit the noise of the band-gap output. The use of a
smaller capacitor increases the reference noise in the system, thus degrading SNR and SINAD performance. Do
not use the REFIN/REFOUT pin to drive external ac or dc loads because of the limited current output capability
of the pin. The REFIN/REFOUT pin can be used as a reference source if followed by a suitable op amp buffer.
Figure 57. Device Connections for Using an Internal 2.5-V Reference


Similar Part No. - ADS8588S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588HIPM TI1-ADS8588HIPM Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588HIPMR TI1-ADS8588HIPMR Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
More results

Similar Description - ADS8588S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8598S TI1-ADS8598S Datasheet
1Mb / 63P
[Old version datasheet]   18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598H TI1-ADS8598H Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
logo
Texas Instruments
ADS8578S TI1-ADS8578S Datasheet
1Mb / 58P
[Old version datasheet]   14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com