Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS252010C2R2MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPS252010C2R2MF
Description  SMD Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS252010C2R2MF Datasheet(HTML) 2 Page - Superworld Electronics

  SPS252010C2R2MF Datasheet HTML 1Page - Superworld Electronics SPS252010C2R2MF Datasheet HTML 2Page - Superworld Electronics SPS252010C2R2MF Datasheet HTML 3Page - Superworld Electronics SPS252010C2R2MF Datasheet HTML 4Page - Superworld Electronics SPS252010C2R2MF Datasheet HTML 5Page - Superworld Electronics SPS252010C2R2MF Datasheet HTML 6Page - Superworld Electronics SPS252010C2R2MF Datasheet HTML 7Page - Superworld Electronics SPS252010C2R2MF Datasheet HTML 8Page - Superworld Electronics SPS252010C2R2MF Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
Part No.
SPS252010CR47YF
Inductance
0.47±30%
( uH )
0.1V/1M
RDC
( Hz )
Frequency
Test
0.030
Isat
2.85
(
)±20%
Typ.
(A)
Isat
2.57
Max.
(A)
5. ELECTRICAL CHARACTERISTICS :
Irms
2.80
Typ.
(A)
Irms
2.50
Max.
(A)
SMD Power Inductors
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SPS252010CR68YF
0.68±30%
0.1V/1M
0.039
2.70
2.45
2.40
2.20
SPS252010C1R0YF
1.0±30%
0.1V/1M
0.055
2.20
1.89
2.20
1.80
SPS252010C1R5YF
1.5±30%
0.1V/1M
0.075
1.90
1.58
1.80
1.50
SPS252010C2R2MF
2.2±20%
0.1V/1M
0.100
1.62
1.39
1.68
1.30
SPS252010C3R3MF
3.3±20%
0.1V/1M
0.145
1.30
1.17
1.34
1.10
SPS252010C4R7MF
4.7±20%
0.1V/1M
0.215
1.20
1.08
1.10
1.00
SPS252010C SERIES
26.02.2013
SPS252010C6R8MF
6.8±20%
0.1V/1M
0.315
0.90
0.77
0.90
0.80
SPS252010C100MF
10±20%
0.1V/1M
0.420
0.73
0.65
0.82
0.65
SPS252010C150MF
15±20%
0.1V/1M
0.600
0.55
0.50
0.55
0.50
SPS252010C220MF
22±20%
0.1V/1M
0.830
0.50
0.40
0.40
0.35


Similar Part No. - SPS252010C2R2MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS252010D1R0MF SUPERWORLD-SPS252010D1R0MF Datasheet
339Kb / 8P
   SMD POWER INDUCTOR
SPS252010D2R2MF SUPERWORLD-SPS252010D2R2MF Datasheet
339Kb / 8P
   SMD POWER INDUCTOR
SPS252010DR47MF SUPERWORLD-SPS252010DR47MF Datasheet
339Kb / 8P
   SMD POWER INDUCTOR
SPS252010DR68MF SUPERWORLD-SPS252010DR68MF Datasheet
339Kb / 8P
   SMD POWER INDUCTOR
SPS252010U SUPERWORLD-SPS252010U Datasheet
299Kb / 7P
   SMD POWER INDUCTOR
More results

Similar Description - SPS252010C2R2MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com