Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC32RF80 Datasheet(PDF) 33 Page - Texas Instruments

Part # ADC32RF80
Description  Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF80 Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADC32RF80_16 Datasheet HTML 29Page - Texas Instruments ADC32RF80_16 Datasheet HTML 30Page - Texas Instruments ADC32RF80_16 Datasheet HTML 31Page - Texas Instruments ADC32RF80_16 Datasheet HTML 32Page - Texas Instruments ADC32RF80_16 Datasheet HTML 33Page - Texas Instruments ADC32RF80_16 Datasheet HTML 34Page - Texas Instruments ADC32RF80_16 Datasheet HTML 35Page - Texas Instruments ADC32RF80_16 Datasheet HTML 36Page - Texas Instruments ADC32RF80_16 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 136 page
background image
Input Clock
Divider
(Divide-by-4)
ASSERT SYSREF REG
(In Master Page)
SEL SYSREF REG
(In Master Page)
0
1
CLKIN
(CLKP-CLKM)
SYSREF
(SYSREFP-SYSREFM)
DLL
NCO,
JESD Interface
(LMFC Counter)
MASK CLKDIV SYSREF
(In JESD Digital Page)
MASK NCO SYSREF
(In JESD Digital Page)
PDN SYSREF
(In Master Page)
33
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.3.1 Using SYSREF
The ADC32RF8x uses SYSREF information to reset the clock divider, the NCO phase, and the LMFC counter of
the JESD interface. The device provides flexibility to provide SYSREF information either from dedicated pins or
through SPI register bits. SYSREF is asserted by a low-to-high transition on the SYSREF pins or a 0-to-1 change
in the ASSERT SYSREF REG bit when using SPI registers, as shown in Figure 90.
Figure 90. Using SYSREF to Reset the Clock Divider, the NCO, and the LMFC Counter
The ADC32RF8x samples the SYSREF signal on the input clock rising edge. Required setup and hold time are
listed in the Timing Requirements table. The input clock divider gets reset each time that SYSREF is asserted,
whereas the NCO phase and the LMFC counter of the JESD interface are reset on each SYSREF assertion after
disregarding the first two assertions, as shown in Table 1.
Table 1. Asserting SYSREF
SYSREF ASSERTION INDEX
ACTION
INPUT CLOCK DIVIDER
NCO PHASE
LMFC COUNTER
1
Gets reset
Does not get reset
Does not get reset
2
Gets reset
Does not get reset
Does not get reset
3
Gets reset
Gets reset
Gets reset
4 and onwards
Gets reset
Gets reset
Gets reset


Similar Part No. - ADC32RF80_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32RF80IRMPR TI1-ADC32RF80IRMPR Datasheet
434Kb / 8P
[Old version datasheet]   ADC32RF80 Dual-Channel
ADC32RF80IRMPR TI-ADC32RF80IRMPR Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF80IRMPT TI1-ADC32RF80IRMPT Datasheet
434Kb / 8P
[Old version datasheet]   ADC32RF80 Dual-Channel
ADC32RF80IRMPT TI-ADC32RF80IRMPT Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF80IRRHR TI-ADC32RF80IRRHR Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
More results

Similar Description - ADC32RF80_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32RF80 TI-ADC32RF80_V01 Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC31RF80 TI1-ADC31RF80 Datasheet
8Mb / 136P
[Old version datasheet]   3-GSPS Telecom Receiver and Feedback Device
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
ADS58J64 TI1-ADS58J64 Datasheet
7Mb / 81P
[Old version datasheet]   Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS58J64 TI1-ADS58J64_V01 Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com