Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS201610H2R2MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPS201610H2R2MF
Description  SMD POWER INDUCTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS201610H2R2MF Datasheet(HTML) 2 Page - Superworld Electronics

  SPS201610H2R2MF Datasheet HTML 1Page - Superworld Electronics SPS201610H2R2MF Datasheet HTML 2Page - Superworld Electronics SPS201610H2R2MF Datasheet HTML 3Page - Superworld Electronics SPS201610H2R2MF Datasheet HTML 4Page - Superworld Electronics SPS201610H2R2MF Datasheet HTML 5Page - Superworld Electronics SPS201610H2R2MF Datasheet HTML 6Page - Superworld Electronics SPS201610H2R2MF Datasheet HTML 7Page - Superworld Electronics SPS201610H2R2MF Datasheet HTML 8Page - Superworld Electronics SPS201610H2R2MF Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PG. 2
4. ELECTRICAL CHARACTERISTICS :
SPS201610HR47YF
Part Number
0.68
1.5
1.0
0.47
Inductance
( μH )
±30%
1.95
1.65
2.45
3.00
Isat
1.80
1.46
2.00
2.70
Max.
( A )
Frequency
0.1V/1M
( Hz )
Test
Tolerance
( % )
Typ.
( A )
Isat
0.1V/1M
0.1V/1M
0.1V/1M
SUPERWORLD ELECTRONICS (S) PTE LTD
DCR
0.080
0.130
±20%
( Ω )
0.062
0.044
Irms
1.75
1.40
2.25
2.60
Typ.
( A )
Irms
1.60
1.26
2.05
2.35
Max.
( A )
±30%
±30%
±30%
5. GENERAL SPECIFICATION :
15.08.2013
NOTE : Specifications subject to change without notice. Please check our website for latest information.
(b) Isat:Based on inductance change (ΔL/L0:≦-30%)
(c) Irms:Based on temperature rise (ΔT:40°C)
(a) ambient temp. : 25°C
(d) Operating Temperature : -40~+85°C (For products in unopened tape package, less than 40°C)
SMD POWER INDUCTOR
SPS201610H SERIES
SPS201610HR68YF
SPS201610H1R0YF
SPS201610H1R5YF
SPS201610H2R2MF
SPS201610H3R3MF
SPS201610H4R7MF
SPS201610H6R8MF
SPS201610H100MF
SPS201610H150MF
SPS201610H220MF
2.2
1.45
1.26
0.1V/1M
0.145
1.35
1.20
±20%
3.3
1.05
0.90
0.1V/1M
0.245
1.05
0.95
±20%
4.7
0.85
0.77
0.1V/1M
0.360
1.00
0.90
±20%
6.8
0.80
0.72
0.1V/1M
0.500
0.70
0.55
±20%
10
0.62
0.55
0.1V/1M
0.720
0.50
0.45
±20%
15
0.50
0.45
0.1V/1M
1.400
0.40
0.36
±20%
22
0.43
0.38
0.1V/1M
2.000
0.30
0.27
±20%


Similar Part No. - SPS201610H2R2MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS201610D1R0MF SUPERWORLD-SPS201610D1R0MF Datasheet
373Kb / 8P
   SMD POWER INDUCTOR
SPS201610D2R2MF SUPERWORLD-SPS201610D2R2MF Datasheet
373Kb / 8P
   SMD POWER INDUCTOR
SPS201610DR24MF SUPERWORLD-SPS201610DR24MF Datasheet
373Kb / 8P
   SMD POWER INDUCTOR
SPS201610DR56MF SUPERWORLD-SPS201610DR56MF Datasheet
373Kb / 8P
   SMD POWER INDUCTOR
SPS201610DR68MF SUPERWORLD-SPS201610DR68MF Datasheet
373Kb / 8P
   SMD POWER INDUCTOR
More results

Similar Description - SPS201610H2R2MF

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com