Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS252010DR47MF Datasheet(PDF) 5 Page - Superworld Electronics

Part # SPS252010DR47MF
Description  SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS252010DR47MF Datasheet(HTML) 5 Page - Superworld Electronics

  SPS252010DR47MF Datasheet HTML 1Page - Superworld Electronics SPS252010DR47MF Datasheet HTML 2Page - Superworld Electronics SPS252010DR47MF Datasheet HTML 3Page - Superworld Electronics SPS252010DR47MF Datasheet HTML 4Page - Superworld Electronics SPS252010DR47MF Datasheet HTML 5Page - Superworld Electronics SPS252010DR47MF Datasheet HTML 6Page - Superworld Electronics SPS252010DR47MF Datasheet HTML 7Page - Superworld Electronics SPS252010DR47MF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 5
7. RELIABILITY & TEST CONDITION :
ITEM
PERFORMANCE
TEST CONDITION
High Temperature Life Test
Duration : 500±8 hrs.
Temperature : 85±2°C
MIL-STD-202
METHOD 108
Low Temperature
Time:500±8hr.
Temperature : -40±2°C
Storage Test
Measured at room temperature after placing for 2 to 3 hrs
Amplitude: 1.52mm
Frequency: 10-55-10Hz for 15 min.
Random Vibration Test
MIL-STD-202
Method 204
Directions and times:
X, Y, Z directions for 15 min.
This cycle shall be performed 12 times in each
of three mutually perpendicular directions
(Total 9hours).
1.Visual examination:No mechanical damage
2.Inductance:within±10% of initial value
Measured at room temperature after placing for 2 to 3 hrs
JESD22-A119
Humidity:90~ 95%
Temperature:40±2°C
Humidity Resistance Test
MIL-STD-202
METHOD 103
Time:500±8hr.
Recovery:2 to 3hrs of recovery under the
standard condition after the removal from test chamber.
Appearance: Cracking, shipping and any other
defects harmful to the characteristics should not
be allowed.
SMD Power Inductors (RoHS Compliant)
NOTE : Specifications subject to change without notice. Please check our website for latest information.
15.08.2013
SPS252010D SERIES
Inductance:within±10%


Similar Part No. - SPS252010DR47MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS252010C100MF SUPERWORLD-SPS252010C100MF Datasheet
433Kb / 9P
   SMD Power Inductors
SPS252010C150MF SUPERWORLD-SPS252010C150MF Datasheet
433Kb / 9P
   SMD Power Inductors
SPS252010C1R0YF SUPERWORLD-SPS252010C1R0YF Datasheet
433Kb / 9P
   SMD Power Inductors
SPS252010C1R5YF SUPERWORLD-SPS252010C1R5YF Datasheet
433Kb / 9P
   SMD Power Inductors
SPS252010C220MF SUPERWORLD-SPS252010C220MF Datasheet
433Kb / 9P
   SMD Power Inductors
More results

Similar Description - SPS252010DR47MF

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com