Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS252010CR68YF Datasheet(PDF) 6 Page - Superworld Electronics

Part # SPS252010CR68YF
Description  SMD Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS252010CR68YF Datasheet(HTML) 6 Page - Superworld Electronics

  SPS252010CR68YF Datasheet HTML 1Page - Superworld Electronics SPS252010CR68YF Datasheet HTML 2Page - Superworld Electronics SPS252010CR68YF Datasheet HTML 3Page - Superworld Electronics SPS252010CR68YF Datasheet HTML 4Page - Superworld Electronics SPS252010CR68YF Datasheet HTML 5Page - Superworld Electronics SPS252010CR68YF Datasheet HTML 6Page - Superworld Electronics SPS252010CR68YF Datasheet HTML 7Page - Superworld Electronics SPS252010CR68YF Datasheet HTML 8Page - Superworld Electronics SPS252010CR68YF Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 6
7. RELIABILITY & TEST CONDITION :
ITEM
PERFORMANCE
TEST CONDITION
High Temperature
Duration : 500±8 hrs.
Temperature : 85±2°C
Life Test
MIL-STD-202
METHOD 108
Low Temperature
Duration : 500±8 hrs.
Temperature : -40±2°C
Storage Test
Measured at room temperature after placing for 2 to 3 hrs
Amplitude: 1.52mm
Frequency: 10-55-10Hz for 15 min.
Random Vibration Test
MIL-STD-202
Method 204
Directions and times:
X, Y, Z directions for 15 min.
This cycle shall be performed 12 times in each
of three mutually perpendicular directions
(Total 9hours).
Measured at room temperature after placing for 2 to 3 hrs
JESD22-A119
Humidity:90~ 95%
Temperature:40±2°C
Humidity Resistance Test
MIL-STD-202
METHOD 103
Time:500±8hr.
Recovery:2 to 3hrs of recovery under the
standard condition after the removal from test chamber.
Appearance: Cracking, shipping and any other
defects harmful to the characteristics should
not be allowed.
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SMD Power Inductors
SPS252010C SERIES
26.02.2013
Impedance: within±30%


Similar Part No. - SPS252010CR68YF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS252010D1R0MF SUPERWORLD-SPS252010D1R0MF Datasheet
339Kb / 8P
   SMD POWER INDUCTOR
SPS252010D2R2MF SUPERWORLD-SPS252010D2R2MF Datasheet
339Kb / 8P
   SMD POWER INDUCTOR
SPS252010DR47MF SUPERWORLD-SPS252010DR47MF Datasheet
339Kb / 8P
   SMD POWER INDUCTOR
SPS252010DR68MF SUPERWORLD-SPS252010DR68MF Datasheet
339Kb / 8P
   SMD POWER INDUCTOR
SPS252010U SUPERWORLD-SPS252010U Datasheet
299Kb / 7P
   SMD POWER INDUCTOR
More results

Similar Description - SPS252010CR68YF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com