Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC4018FT4R7F Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPC4018FT4R7F
Description  Low Profile Power Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPC4018FT4R7F Datasheet(HTML) 2 Page - Superworld Electronics

  SPC4018FT4R7F Datasheet HTML 1Page - Superworld Electronics SPC4018FT4R7F Datasheet HTML 2Page - Superworld Electronics SPC4018FT4R7F Datasheet HTML 3Page - Superworld Electronics SPC4018FT4R7F Datasheet HTML 4Page - Superworld Electronics SPC4018FT4R7F Datasheet HTML 5Page - Superworld Electronics SPC4018FT4R7F Datasheet HTML 6Page - Superworld Electronics SPC4018FT4R7F Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
5. ELECTRICAL CHARACTERISTICS :
Part No.
SPC4018FT1R2□ZF
Inductance
1.2
( uH )
100kHz,0.1V / 1MHz,0.1V
( Hz )
Frequency
Test
RDC ( Ω )±20%
Resistance
60m
4.20
1.70
16.10.2014
Low Profile Power Inductors
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Marking
B
SPC4018FT1R5□ZF
1.5
100kHz,0.1V / 1MHz,0.1V
60m
3.70
1.70
C
SPC4018FT1R8□ZF
1.8
100kHz,0.1V / 1MHz,0.1V
65m
3.40
1.65
D
SPC4018FT2R7□ZF
2.7
100kHz,0.1V / 1MHz,0.1V
92m
2.90
1.50
F
SPC4018FT3R3□ZF
3.3
100kHz,0.1V / 1MHz,0.1V
97m
2.70
1.45
G
SPC4018FT3R9□ZF
3.9
100kHz,0.1V / 1MHz,0.1V
0.11
2.40
1.36
H
SPC4018FT4R7□ZF
4.7
100kHz,0.1V / 1MHz,0.1V
0.12
2.20
1.30
I
SPC4018FT5R6□ZF
5.6
100kHz,0.1V / 1MHz,0.1V
0.16
2.00
1.20
J
SPC4018FT6R8□ZF
6.8
100kHz,0.1V / 1MHz,0.1V
0.17
1.80
1.15
K
SPC4018FTR56□ZF
0.56
100kHz,0.1V / 1MHz,0.1V
41m
5.50
1.95
7
SPC4018FT1R0□ZF
1.0
100kHz,0.1V / 1MHz,0.1V
50m
4.70
1.85
A
Tolerance code □ : M=±20%, N=±30%
N
Tolerance
M,N
N
M,N
M,N
N
M
M
M
N
N
SPC4018FT2R2□ZF
2.2
100kHz,0.1V / 1MHz,0.1V
74m
3.20
1.60
E
M,N
SPC4018FT100□ZF
10
100kHz,0.1V / 1MHz,0.1V
0.24
1.50
1.00
M
M
SPC4018FT150□ZF
15
100kHz,0.1V / 1MHz,0.1V
0.35
1.20
0.83
O
M
SPC4018FT220□ZF
22
100kHz,0.1V / 1MHz,0.1V
0.49
1.00
0.63
Q
M
SPC4018FT330□ZF
33
100kHz,0.1V / 1MHz,0.1V
0.72
0.82
0.53
S
M
SPC4018FT SERIES
SPC4018FT470□ZF
47
100kHz,0.1V / 1MHz,0.1V
1.17
0.75
0.49
U
M
SPC4018FT101□ZF
100
100kHz,0.1V / 1MHz,0.1V
2.17
0.45
0.28
Y
M
4. GENERAL SPECIFICATION :
Rated DC Current
ISAT (A)
IRMS (A)
c) Operate temperature range : -40° C to +125° C ( include self temp. rise )
b) IRMS : Based on temperature rise (ΔT : 40°C TYP.)
a) ISAT : Based on inductance change (ΔL/Lo : -30%) @ ambient temp. 25°C
e) Storage condition (component in its packaging)
d) Storage temperature range (on board) : -40° C to +105° C
i) Temperature : -10 to 40° C
ii) Humidity : 60%


Similar Part No. - SPC4018FT4R7F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPC4018FT SUPERWORLD-SPC4018FT Datasheet
227Kb / 5P
   SMD POWER INDUCTORS
SPC4018FT-100MZF SUPERWORLD-SPC4018FT-100MZF Datasheet
227Kb / 5P
   SMD POWER INDUCTORS
SPC4018FT-100NZF SUPERWORLD-SPC4018FT-100NZF Datasheet
227Kb / 5P
   SMD POWER INDUCTORS
SPC4018FT-101MZF SUPERWORLD-SPC4018FT-101MZF Datasheet
227Kb / 5P
   SMD POWER INDUCTORS
SPC4018FT-101NZF SUPERWORLD-SPC4018FT-101NZF Datasheet
227Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SPC4018FT4R7F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
   Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
   Low Profile Power Inductors
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
   Low Profile Power Inductors
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
   Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPS8040N1R0YF SUPERWORLD-SPS8040N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com