Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC1265HP100MF Datasheet(PDF) 9 Page - Superworld Electronics

Part # PIC1265HP100MF
Description  SMD Power Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIC1265HP100MF Datasheet(HTML) 9 Page - Superworld Electronics

Back Button PIC1265HP100MF Datasheet HTML 2Page - Superworld Electronics PIC1265HP100MF Datasheet HTML 3Page - Superworld Electronics PIC1265HP100MF Datasheet HTML 4Page - Superworld Electronics PIC1265HP100MF Datasheet HTML 5Page - Superworld Electronics PIC1265HP100MF Datasheet HTML 6Page - Superworld Electronics PIC1265HP100MF Datasheet HTML 7Page - Superworld Electronics PIC1265HP100MF Datasheet HTML 8Page - Superworld Electronics PIC1265HP100MF Datasheet HTML 9Page - Superworld Electronics PIC1265HP100MF Datasheet HTML 10Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 9
9. PACKAGING INFORMATION :
Az(mm)
7.0±0.1
9-3. Packaging Quantity
PIC1265
Series
Ao(mm)
12.9±0.1
16.0±0.1
P(mm)
Bz(mm)
13.0±0.1
Bo(mm)
14.1±0.1
Ko(mm)
7.0±0.1
24±0.3
W(mm)
9-2. Tape Dimension
24.4+2.0/-0
A(mm)
13" x 24mm
Type
100±2.0
B(mm)
D(mm)
13.5±0.5
330
C(mm)
EMBOSSED CARRIER
A
COVER TAPE
9-1. Reel Dimension
PIC1265
4000
1000
Carton
Chip / Reel
Inner Box
Size
500
2.0±0.5
4.0
1.5
2.0
11.5±0.1
F(mm)
t
Ao
Az
P
0.35±0.05
t(mm)
SMD Power Inductors (RoHS Compliant)
PIC1265HP SERIES
05.11.2015
NOTE : Specifications subject to change without notice. Please check our website for latest information.


Similar Part No. - PIC1265HP100MF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12(L)F1501 MICROCHIP-PIC12(L)F1501 Datasheet
3Mb / 340P
   14-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12(L)F1612 MICROCHIP-PIC12(L)F1612 Datasheet
5Mb / 12P
   8-bit PIC짰 Microcontrollers
03/12/14
PIC12(L)F1612 MICROCHIP-PIC12(L)F1612 Datasheet
5Mb / 584P
   14/20-Pin, 8-Bit Flash Microcontroller
07/14/15
logo
PULS GmbH
PIC120.241C PULS-PIC120.241C Datasheet
544Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
PIC120.241D PULS-PIC120.241D Datasheet
515Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
More results

Similar Description - PIC1265HP100MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com