Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIF0503A1R0MN Datasheet(PDF) 1 Page - Superworld Electronics

Part # PIF0503A1R0MN
Description  High Current Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIF0503A1R0MN Datasheet(HTML) 1 Page - Superworld Electronics

  PIF0503A1R0MN Datasheet HTML 1Page - Superworld Electronics PIF0503A1R0MN Datasheet HTML 2Page - Superworld Electronics PIF0503A1R0MN Datasheet HTML 3Page - Superworld Electronics PIF0503A1R0MN Datasheet HTML 4Page - Superworld Electronics PIF0503A1R0MN Datasheet HTML 5Page - Superworld Electronics PIF0503A1R0MN Datasheet HTML 6Page - Superworld Electronics PIF0503A1R0MN Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
High Current Power Inductor– PIF0503A Series
Proprietary and Confidential
Document of Superworld
18/07/2016
P1
1. Part No. Expression:
P I F 0 5 0 3 A 2 R 2 M N
a) Series Code
e) Tolerance Code
(a)
(b) (c) (d) (e)(f)
b) Dimension Code
f) Internal Controlled Code
c) Type Code
d) Inductance Code
2. Configuration & Dimensions:
Unit: mm
Part Number
A
B
C
D
E
F
L
G
H
PIF0503AR15MN
5.5±0.2
5.3±0.2
2.9±0.2
4.3±0.3
1.1±0.2
2.3±0.25
4.5 Ref.
2.0 Ref.
4.7 Ref.
PIF0503AR16MN
5.5±0.2
5.3±0.2
2.9±0.2
4.3±0.3
1.1±0.2
2.3±0.25
4.5 Ref.
2.0 Ref.
4.7 Ref.
PIF0503AR33MN
5.5±0.2
5.3±0.2
2.9±0.2
4.3±0.3
1.1±0.2
2.3±0.25
4.5 Ref.
2.0 Ref.
4.7 Ref.
PIF0503AR56MN
5.5±0.2
5.3±0.2
2.9±0.2
4.3±0.3
1.1±0.2
2.3±0.25
4.5 Ref.
2.0 Ref.
4.7 Ref.
PIF0503AR60MN
5.5±0.2
5.3±0.2
2.9±0.2
4.3±0.3
1.1±0.2
2.3±0.25
4.5 Ref.
2.0 Ref.
4.7 Ref.
PIF0503AR80MN
5.5±0.2
5.3±0.2
2.9±0.2
4.3±0.3
1.1±0.2
2.3±0.25
4.5 Ref.
2.0 Ref.
4.7 Ref.
PIF0503AR82MN
5.5±0.2
5.3±0.2
2.9±0.2
4.3±0.3
1.1±0.2
2.3±0.25
4.5 Ref.
2.0 Ref.
4.7 Ref.
PIF0503A1R0MN
5.5±0.2
5.3±0.2
2.9±0.2
4.3±0.3
1.1±0.2
2.3±0.25
4.5 Ref.
2.0 Ref.
4.7 Ref.
PIF0503A1R2MN
5.5±0.2
5.3±0.2
2.9±0.2
4.3±0.3
1.1±0.2
2.3±0.25
4.5 Ref.
2.0 Ref.
4.7 Ref.
PIF0503A1R5MN
5.5±0.2
5.3±0.2
2.9±0.2
4.3±0.3
1.1±0.2
2.3±0.25
4.5 Ref.
2.0 Ref.
4.7 Ref.
PIF0503A1R8MN
5.5±0.2
5.3±0.2
2.9±0.2
4.3±0.3
1.1±0.2
2.3±0.25
4.5 Ref.
2.0 Ref.
4.7 Ref.
PIF0503A2R2MN
5.5±0.2
5.3±0.2
2.9±0.2
4.3±0.3
1.1±0.2
2.3±0.25
4.5 Ref.
2.0 Ref.
4.7 Ref.
PIF0503A3R3MN
5.5±0.2
5.3±0.2
2.9±0.2
4.3±0.3
1.1±0.2
2.3±0.25
4.5 Ref.
2.0 Ref.
4.7 Ref.
PIF0503A4R7MN
5.5±0.2
5.3±0.2
2.9±0.2
4.3±0.3
1.1±0.2
2.3±0.25
4.5 Ref.
2.0 Ref.
4.7 Ref.
L
G
Recommended PC Board Pattern
Note:
1. The above PCB layout is for reference only.
2. Solder paste thickness of 0.12mm and above is recommended.


Similar Part No. - PIF0503A1R0MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIF0502A1R0MN SUPERWORLD-PIF0502A1R0MN Datasheet
236Kb / 7P
   High Current Power Inductor
PIF0502A1R2MN SUPERWORLD-PIF0502A1R2MN Datasheet
236Kb / 7P
   High Current Power Inductor
PIF0502A1R5MN SUPERWORLD-PIF0502A1R5MN Datasheet
236Kb / 7P
   High Current Power Inductor
PIF0502AR15MN SUPERWORLD-PIF0502AR15MN Datasheet
236Kb / 7P
   High Current Power Inductor
PIF0502AR16MN SUPERWORLD-PIF0502AR16MN Datasheet
236Kb / 7P
   High Current Power Inductor
More results

Similar Description - PIF0503A1R0MN

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
   Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBL1040 CODACA-CSBL1040 Datasheet
879Kb / 5P
   High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
   High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
   High Current Power Inductor
07/14/2020
CPU2916 CODACA-CPU2916 Datasheet
761Kb / 4P
   High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
   High Current Power Inductor
07/14/2020
CSCM1460 CODACA-CSCM1460 Datasheet
897Kb / 5P
   High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
   High Current Power Inductor
07/14/2020
CSBX0650 CODACA-CSBX0650 Datasheet
718Kb / 5P
   High Current Power Inductor
Revised: 07/14/2020
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
   High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
   High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com