Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIF0503AR33MN Datasheet(PDF) 5 Page - Superworld Electronics

Part # PIF0503AR33MN
Description  High Current Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIF0503AR33MN Datasheet(HTML) 5 Page - Superworld Electronics

  PIF0503AR33MN Datasheet HTML 1Page - Superworld Electronics PIF0503AR33MN Datasheet HTML 2Page - Superworld Electronics PIF0503AR33MN Datasheet HTML 3Page - Superworld Electronics PIF0503AR33MN Datasheet HTML 4Page - Superworld Electronics PIF0503AR33MN Datasheet HTML 5Page - Superworld Electronics PIF0503AR33MN Datasheet HTML 6Page - Superworld Electronics PIF0503AR33MN Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
High Current Power Inductor– PIF0503A Series
Proprietary and Confidential
Document of Superworld
18/07/2016
P5
8. Soldering:
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the
stresses caused by the difference in coefficients of expansion between solder, chip and substrate. Our
terminations are suitable for all re-flow soldering systems. If hand soldering cannot be avoided, the preferred
technique is the utilization of hot air.
8-1 Solder Re-flow:
Recommended temperature profiles for re-flow soldering in Figure 1.
8-2 Soldering Iron (Figure 2):
Products attachment with soldering iron is discouraged due to the inherent process control limitations.
In the event that a soldering iron must be employed the following precautions are recommended.
Note :
a) Preheat circuit and products to 150°C.
b) 355°C tip temperature (Max.)
c) Never contact the ceramic with the iron tip
d) 1.0mm tip diameter (Max.)
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
f) Limit soldering time to 4~5 secs.


Similar Part No. - PIF0503AR33MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIF0502A1R0MN SUPERWORLD-PIF0502A1R0MN Datasheet
236Kb / 7P
   High Current Power Inductor
PIF0502A1R2MN SUPERWORLD-PIF0502A1R2MN Datasheet
236Kb / 7P
   High Current Power Inductor
PIF0502A1R5MN SUPERWORLD-PIF0502A1R5MN Datasheet
236Kb / 7P
   High Current Power Inductor
PIF0502AR15MN SUPERWORLD-PIF0502AR15MN Datasheet
236Kb / 7P
   High Current Power Inductor
PIF0502AR16MN SUPERWORLD-PIF0502AR16MN Datasheet
236Kb / 7P
   High Current Power Inductor
More results

Similar Description - PIF0503AR33MN

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
   Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBL1040 CODACA-CSBL1040 Datasheet
879Kb / 5P
   High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
   High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
   High Current Power Inductor
07/14/2020
CPU2916 CODACA-CPU2916 Datasheet
761Kb / 4P
   High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
   High Current Power Inductor
07/14/2020
CSCM1460 CODACA-CSCM1460 Datasheet
897Kb / 5P
   High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
   High Current Power Inductor
07/14/2020
CSBX0650 CODACA-CSBX0650 Datasheet
718Kb / 5P
   High Current Power Inductor
Revised: 07/14/2020
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
   High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
   High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com