Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC1205HP1R5MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PIC1205HP1R5MF
Description  SMD Power Choke Coil
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIC1205HP1R5MF Datasheet(HTML) 2 Page - Superworld Electronics

  PIC1205HP1R5MF Datasheet HTML 1Page - Superworld Electronics PIC1205HP1R5MF Datasheet HTML 2Page - Superworld Electronics PIC1205HP1R5MF Datasheet HTML 3Page - Superworld Electronics PIC1205HP1R5MF Datasheet HTML 4Page - Superworld Electronics PIC1205HP1R5MF Datasheet HTML 5Page - Superworld Electronics PIC1205HP1R5MF Datasheet HTML 6Page - Superworld Electronics PIC1205HP1R5MF Datasheet HTML 7Page - Superworld Electronics PIC1205HP1R5MF Datasheet HTML 8Page - Superworld Electronics PIC1205HP1R5MF Datasheet HTML 9Page - Superworld Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
6. ELECTRICAL CHARACTERISTICS :
Inductance L0
Part No.
PIC1205HPR33MF
0.33
( μH )
@ 0 A
0.7
DCR
Typ. @ 25°C
( mΩ )
Irms
( A )
42
80
( A )
Isat
Typ.
Typ.
DCR
( mΩ )
Max. @ 25°C
0.9
PIC1205HPR47MF
0.47
0.86
38
65
1.1
PIC1205HPR56MF
0.56
1.0
36
55
1.5
PIC1205HPR68MF
0.68
1.4
34
54
1.7
PIC1205HP1R0MF
1.00
1.85
29
50
2.5
PIC1205HP1R5MF
1.50
2.8
27
48
3.3
PIC1205HP1R8MF
1.80
4.0
21
40
4.9
PIC1205HP2R2MF
2.20
4.2
20
32
5.5
PIC1205HP3R3MF
3.30
6.8
15
32
9.2
PIC1205HP4R7MF
4.70
11.4
12
27
15.0
SMD Power Choke Coil
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PIC1205HP5R6MF
PIC1205HP6R8MF
5.60
12.3
11.5
22
16.5
6.80
14.5
11
21
18.5
PIC1205HP8R2MF
8.20
16.8
9.5
18
22.5
PIC1205HP SERIES
PIC1205HP100MF
10.0
21.4
9.0
16
25.5
PIC1205HPR82MF
0.82
1.7
31
52
2.1
PIC1205HPR22MF
0.22
0.5
52
110
0.7
PIC1205HPR50MF
0.50
0.9
37
60
1.3
06.11.2015
PIC1205HPR20MF
0.20
0.45
52
110
0.55
PIC1205HPR36MF
0.36
0.75
42
75
0.95
PIC1205HPR39MF
0.39
0.78
42
70
0.95
PIC1205HP1R2MF
1.20
2.5
28
49
3
PIC1205HP6R0MF
6.00
13
11.5
21.5
16.5
PIC1205HP150MF
15.0
32
8.2
13
38
PIC1205HP180MF
18.0
40
7.5
11
45
PIC1205HP220MF
22.0
50
6.5
10
58
Tolerance code : M = ±20%, Y = ±30%


Similar Part No. - PIC1205HP1R5MF

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
PIC120.241C PULS-PIC120.241C Datasheet
544Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
PIC120.241D PULS-PIC120.241D Datasheet
515Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
logo
Superworld Electronics
PIC1206HP100MF SUPERWORLD-PIC1206HP100MF Datasheet
719Kb / 10P
   SMD Power Choke Coil
PIC1206HP101MF SUPERWORLD-PIC1206HP101MF Datasheet
719Kb / 10P
   SMD Power Choke Coil
PIC1206HP120MF SUPERWORLD-PIC1206HP120MF Datasheet
719Kb / 10P
   SMD Power Choke Coil
More results

Similar Description - PIC1205HP1R5MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIC0315HR47MF SUPERWORLD-PIC0315HR47MF Datasheet
1Mb / 7P
   SMD Power Choke Coil
PIC1003HR15MF SUPERWORLD-PIC1003HR15MF Datasheet
529Kb / 8P
   SMD Power Choke Coil
PIC0312HR47MF SUPERWORLD-PIC0312HR47MF Datasheet
1Mb / 8P
   SMD Power Choke Coil
PIC0615HR15MF SUPERWORLD-PIC0615HR15MF Datasheet
531Kb / 8P
   SMD Power Choke Coil
logo
TAI-TECH Advanced Elect...
TMPC0415HP TAI-TECH-TMPC0415HP Datasheet
480Kb / 2P
   SMD Power Choke Coil
logo
ETAL Group
P7635 ETAL-P7635 Datasheet
237Kb / 4P
   SMD POWER CHOKE COIL
logo
Superworld Electronics
PIC0402HPR10YF SUPERWORLD-PIC0402HPR10YF Datasheet
577Kb / 9P
   SMD Power Choke Coil
PIC0412HPR10YF SUPERWORLD-PIC0412HPR10YF Datasheet
527Kb / 8P
   SMD Power Choke Coil
PIC1235HPR10YF SUPERWORLD-PIC1235HPR10YF Datasheet
613Kb / 9P
   SMD Power Choke Coil
logo
TAI-TECH Advanced Elect...
TMPC1206HP TAI-TECH-TMPC1206HP Datasheet
707Kb / 4P
   SMD Power Choke Coil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com