Electronic Components Datasheet Search |
|
AM6T-2418DH35Z Datasheet(PDF) 3 Page - AIMTEC |
|
AM6T-2418DH35Z Datasheet(HTML) 3 Page - AIMTEC |
3 / 5 page Series AM6T-Z 6 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.K 3 of 5 North America only Models Dual output (continued) Model Input Voltage (V) Output Voltage (V) Output Current max (mA) Efficiency (%) Capacitive load, max (μF) Isolation (VDC) AM6T-1224DH35Z 9-18 ±24 ±125 79 ±100 3500 AM6T-2403DH35Z 18-36 ±3.3 ±700 75 ±1000 3500 AM6T-2405DH35Z 18-36 ±5 ±600 80 ±680 3500 AM6T-2407DH35Z 18-36 ±7.2 ±410 82 ±330 3500 AM6T-2409DH35Z 18-36 ±9 ±330 80 ±330 3500 AM6T-2412DH35Z 18-36 ±12 ±250 80 ±220 3500 AM6T-2415DH35Z 18-36 ±15 ±200 80 ±100 3500 AM6T-2418DH35Z 18-36 ±18 ±160 80 ±68 3500 AM6T-2424DH35Z 18-36 ±24 ±125 80 ±68 3500 AM6T-4803DH35Z 36-72 ±3.3 ±700 74 ±1000 3500 AM6T-4805DH35Z 36-72 ±5 ±600 80 ±680 3500 AM6T-4807DH35Z 36-72 ±7.2 ±410 80 ±330 3500 AM6T-4809DH35Z 36-72 ±9 ±330 80 ±330 3500 AM6T-4812DH35Z 36-72 ±12 ±250 80 ±220 3500 AM6T-4815DH35Z 36-72 ±15 ±200 80 ±100 3500 AM6T-4818DH35Z 36-72 ±18 ±160 80 ±47 3500 AM6T-4824DH35Z 36-72 ±24 ±125 81 ±47 3500 Input Specifications Parameters Nominal Typical Maximum Units Voltage range 5 4.5-9 VDC 12 9-18 24 18-36 48 36-72 Filter (Pi) Network Turn on Transient process time 350 ms Start up time 500 ms Absolute Maximum Rating 5 Vin -0.7-15 VDC 12 Vin -0.7-24 24 Vin -0.7-40 48 Vin -0.7-80 Peak Input Voltage time 100 ms Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1500 or 3500 VDC Resistance > 1000 MOhm Capacitance 470 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±1 % Voltage balance Balanced Load ±1 % Short Circuit protection Continuous Short circuit restart Auto recovery Over current protection 120% Iout Line voltage regulation (Single) ±0.5 % Line voltage regulation (Dual) ±0.5 % Load voltage regulation (Single) 0 – 100% load ±0.5 % Load voltage regulation (Single) 3.3V output model 0 – 100% load ±1.5 % Load voltage regulation (Dual) 0 – 100% load ±0.5 % |
Similar Part No. - AM6T-2418DH35Z |
|
Similar Description - AM6T-2418DH35Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |