Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

47915 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 47915
Description  Crimping Dies
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

47915 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button 47915 Datasheet HTML 3Page - TE Connectivity Ltd 47915 Datasheet HTML 4Page - TE Connectivity Ltd 47915 Datasheet HTML 5Page - TE Connectivity Ltd 47915 Datasheet HTML 6Page - TE Connectivity Ltd 47915 Datasheet HTML 7Page - TE Connectivity Ltd 47915 Datasheet HTML 8Page - TE Connectivity Ltd 47915 Datasheet HTML 9Page - TE Connectivity Ltd 47915 Datasheet HTML 10Page - TE Connectivity Ltd 47915 Datasheet HTML 11Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
408-1729
Rev K
7 of 11
8. When crimp is completed, remove latch pin, open yoke, and remove the butt splice.
NOTE
If butt splice sticks in die after crimping, apply a rocking action to the butt splice to remove it from the die. Wipe light oil on dies
to reduce sticking, or use spray dry lubricant.
9. To crimp the other half of butt splice, reposition un-crimped end of splice in the stationary die and
follow the same procedure used to crimp the first half of splice.
NOTE
Be sure to re-assemble locator onto stationary die after crimping PLASTI-GRIP butt splices.
10. Inspect the crimp according to Section 5.
5. CRIMP INSPECTION
Inspect crimped terminals and splices by checking the features described in Figure 9. Use only the terminals
and splices that meet the conditions shown in the
“ACCEPT” column.
6. MAINTENANCE / INSPECTION
DANGER
To avoid personal injury, ALWAYS release hydraulic pressure to hose or control and disconnect power unit from power supply
before performing maintenance or inspection procedure.
Each crimping die is thoroughly inspected before packaging. Since there is a possibility of damage during
shipment, the crimping die should be inspected immediately upon arrival at your facility.
Regular inspections should be performed by quality control personnel. A record of scheduled inspections
should remain with the dies and/or be supplied to supervisory personnel responsible for the dies. Though
recommendations call for at least one inspection a month, the inspection frequency should be based on the
amount of use, ambient working conditions, operator training and skill, and established company standards.
CAUTION
Regular inspections should include checking torque setting of (4) screws in accordance with Figure 8.
Crimping Die
PN
Wire Size
(AWG)
Screw Torque Setting
Specification
(inch-pounds)
Crimping Die
PN
Wire Size
(AWG)
Screw Torque Setting
Specification
(inch-pounds)
47820
8
28
47824
1/0
49
47821
6
28
47825
2/0
49
47822
4
28
47915
3/0
49
47823
2
28
47918
4/0
49
Figure 8
Torque (4) Screws in
Accordance with Figure 8.


Similar Part No. - 47915

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
4791-01 FILTRAN-4791-01 Datasheet
86Kb / 1P
   Power Transformers L-Brackets
4791-02 FILTRAN-4791-02 Datasheet
86Kb / 1P
   Power Transformers L-Brackets
logo
Belden Inc.
47916A BELDEN-47916A Datasheet
138Kb / 2P
   TC VN/PVC, 2 C #18 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet SUN RES DIR BUR
02-15-2024
47917A BELDEN-47917A Datasheet
138Kb / 2P
   TC VN/PVC, 2 C #16 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet SUN RES DIR BUR
12-22-2023
47917A-0105000 BELDEN-47917A-0105000 Datasheet
138Kb / 2P
   TC VN/PVC, 2 C #16 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet SUN RES DIR BUR
12-22-2023
More results

Similar Description - 47915

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-1697 TEC-408-1697 Datasheet
449Kb / 8P
   SOLISTRAND Crimping Dies
408-2292-3 TEC-408-2292-3 Datasheet
900Kb / 6P
   Terminal Crimping Dies
logo
Tyco Electronics
45442 MACOM-45442 Datasheet
439Kb / 8P
   SOLISTRAND Crimping Dies
408-6765 MACOM-408-6765 Datasheet
160Kb / 4P
   Crimping Dies 169404, used in Hand Crimping Tool
logo
List of Unclassifed Man...
45436 ETC2-45436 Datasheet
439Kb / 8P
   SOLISTRAND* Crimping Dies (Used in Crimping Heads69097 and 69099)
logo
TE Connectivity Ltd
408-1758 TEC-408-1758 Datasheet
552Kb / 7P
   Crimping Dies 48752-1 through 48755-1
logo
List of Unclassifed Man...
R282235003 ETC2-R282235003 Datasheet
21Kb / 1P
   CRIMPING DIES HEX 3.25-2.67 (M22520/5-03)
logo
Tyco Electronics
408-4105 MACOM-408-4105 Datasheet
138Kb / 6P
   Adapt Various Crimping Dies For Use with 626 Pneumatic Tooling Assemblies
logo
PHOENIX CONTACT
CF-500COV PHOENIX-CF-500COV Datasheet
47Kb / 2P
   Protective cover for crimping machine CF, without recess (for all dies without classification)
logo
Molex Electronics Ltd.
0192870109 MOLEX-0192870109 Datasheet
30Kb / 1P
   Crimp Dies for the ASP-202 Air Crimping Press for Metal Strip Terminals
07/27/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com