Electronic Components Datasheet Search |
|
47824 Datasheet(PDF) 7 Page - TE Connectivity Ltd |
|
47824 Datasheet(HTML) 7 Page - TE Connectivity Ltd |
7 / 11 page 408-1729 Rev K 7 of 11 8. When crimp is completed, remove latch pin, open yoke, and remove the butt splice. NOTE If butt splice sticks in die after crimping, apply a rocking action to the butt splice to remove it from the die. Wipe light oil on dies to reduce sticking, or use spray dry lubricant. 9. To crimp the other half of butt splice, reposition un-crimped end of splice in the stationary die and follow the same procedure used to crimp the first half of splice. NOTE Be sure to re-assemble locator onto stationary die after crimping PLASTI-GRIP butt splices. 10. Inspect the crimp according to Section 5. 5. CRIMP INSPECTION Inspect crimped terminals and splices by checking the features described in Figure 9. Use only the terminals and splices that meet the conditions shown in the “ACCEPT” column. 6. MAINTENANCE / INSPECTION DANGER To avoid personal injury, ALWAYS release hydraulic pressure to hose or control and disconnect power unit from power supply before performing maintenance or inspection procedure. Each crimping die is thoroughly inspected before packaging. Since there is a possibility of damage during shipment, the crimping die should be inspected immediately upon arrival at your facility. Regular inspections should be performed by quality control personnel. A record of scheduled inspections should remain with the dies and/or be supplied to supervisory personnel responsible for the dies. Though recommendations call for at least one inspection a month, the inspection frequency should be based on the amount of use, ambient working conditions, operator training and skill, and established company standards. CAUTION Regular inspections should include checking torque setting of (4) screws in accordance with Figure 8. Crimping Die PN Wire Size (AWG) Screw Torque Setting Specification (inch-pounds) Crimping Die PN Wire Size (AWG) Screw Torque Setting Specification (inch-pounds) 47820 8 28 47824 1/0 49 47821 6 28 47825 2/0 49 47822 4 28 47915 3/0 49 47823 2 28 47918 4/0 49 Figure 8 Torque (4) Screws in Accordance with Figure 8. |
Similar Part No. - 47824 |
|
Similar Description - 47824 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |