Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM8TW-2415SH30Z Datasheet(PDF) 4 Page - AIMTEC

Part # AM8TW-2415SH30Z
Description  8Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM8TW-2415SH30Z Datasheet(HTML) 4 Page - AIMTEC

  AM8TW-2415SH30Z Datasheet HTML 1Page - AIMTEC AM8TW-2415SH30Z Datasheet HTML 2Page - AIMTEC AM8TW-2415SH30Z Datasheet HTML 3Page - AIMTEC AM8TW-2415SH30Z Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AM8TW-Z
8Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.F
4 of 4
North America only
Derating
Recommended Circuits for 1600VDC isolated models
C1
L
C2
2.2uF, 100V
12uH
2.2uF, 100V
C1
330uF, 100V
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
-40
-20
020
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
70 ºC


Similar Part No. - AM8TW-2415SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8TW-2415SC AIMTEC-AM8TW-2415SC Datasheet
293Kb / 2P
   8 watt dc-dc converters
AM8TW-2415SI AIMTEC-AM8TW-2415SI Datasheet
198Kb / 2P
   8 watt dc-dc converters
AM8TW-2415SIZ AIMTEC-AM8TW-2415SIZ Datasheet
426Kb / 3P
   8 Watt | DC-DC Converter
AM8TW-2415SIZ AIMTEC-AM8TW-2415SIZ Datasheet
151Kb / 4P
   Input/Output Isolation voltage 1500VDC
AM8TW-2415SIZ AIMTEC-AM8TW-2415SIZ Datasheet
341Kb / 3P
   8 Watt | DC-DC Converter
More results

Similar Description - AM8TW-2415SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8TW-Z AIMTEC-AM8TW-Z Datasheet
386Kb / 4P
   8Watt | DC-DC Converter
AM8TW-Z AIMTEC-AM8TW-Z_13 Datasheet
259Kb / 4P
   8Watt | DC-DC Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com