Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4206K Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # 4206K
Description  17- OUTPUT LED DRIVER/GPO
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

4206K Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button 4206K Datasheet HTML 2Page - Maxim Integrated Products 4206K Datasheet HTML 3Page - Maxim Integrated Products 4206K Datasheet HTML 4Page - Maxim Integrated Products 4206K Datasheet HTML 5Page - Maxim Integrated Products 4206K Datasheet HTML 6Page - Maxim Integrated Products 4206K Datasheet HTML 7Page - Maxim Integrated Products 4206K Datasheet HTML 8Page - Maxim Integrated Products 4206K Datasheet HTML 9Page - Maxim Integrated Products 4206K Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
________________________________
MAX6964
(GPO)
, I2C-
O0-O16
17
.
MAX6964
50mA
.
MAX6964
350mA
17
20mA
.
1
MAX6964
.
(
)
.
LED
0
O0-O15
16
(
6).
.
1
(
7).
(BLINK
)
(
)
0
1
(
4).
17
O16
2
,
16
(
4).
BLINK
(
4).
BLINK
(GPI
)
.
PWM
MAX6964
32kHz
LED
PWM
. PWM
MAX6964
PWM LED
(
8). PWM
MAX6964
.
PWM
4-
4-
(
11
12). 4-
PWM
16
.
PWM
1/15
15/15
.
4-
,
1/16
15/16
.
PWM
PWM
,
240
(
8
11).
17-
LED
/GPO
6
_______________________________________________________________________________________
1.
I/O
DATA FROM
SHIFT REGISTER
WRITE PULSE
D
CK
Q
Q
FF
OUTPUT
PORT
REGISTER
I/O PIN
Q2
GND
OUTPUT PORT
REGISTER DATA
2.
2-
SCL
SDA
tR
tF
tBUF
START
CONDITION
STOP
CONDITION
REPEATED START CONDITION
START CONDITION
tSU,STO
tHD,STA
tSU,STA
tHD,DAT
tSU,DAT
tLOW
tHIGH
tHD,STA


Similar Part No. - 4206K

ManufacturerPart #DatasheetDescription
logo
Heyco.
4206 HEYCO-4206 Datasheet
153Kb / 1P
   Cable Holders - Adhesive Back Mount
logo
TE Connectivity Ltd
42067-1 TEC-42067-1 Datasheet
310Kb / 5P
   Quick Disconnects, Receptacle, 24 – 22 AWG Wire Size, .2 – .35 mm² Wire Size, 404 – 643 CMA Wire Size, Mating Tab Width .11 in [2.8 mm], FASTON 110
12/19/2022
logo
List of Unclassifed Man...
4206888-30 ETC2-4206888-30 Datasheet
34Kb / 2P
   CABLE: NEC AC33-27 INVERTER,230mm
More results

Similar Description - 4206K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6964 MAXIM-MAX6964_05 Datasheet
380Kb / 23P
   17-Output LED Driver/GPO with Intensity Control and Hot-Insertion Protection
Rev 3; 3/05
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
logo
Hynix Semiconductor
GM6486 HYNIX-GM6486 Datasheet
91Kb / 7P
   33 OUTPUT LED DRIVER
logo
Linear Technology
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
logo
Mean Well Enterprises C...
IDPV-25 MEANWELL-IDPV-25 Datasheet
140Kb / 6P
   25W PWM Output LED Driver
logo
Qualtek Electronics Cor...
PLC-040D QUALTEK-PLC-040D Datasheet
1Mb / 3P
   40Watts Single Output LED Driver
PLC-035D QUALTEK-PLC-035D Datasheet
1Mb / 3P
   35Watts Single Output LED Driver
PLC-050 QUALTEK-PLC-050 Datasheet
1Mb / 2P
   50Watts Single Output LED Driver
PLC-025 QUALTEK-PLC-025 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
PLC-150 QUALTEK-PLC-150 Datasheet
1Mb / 2P
   150Watts Single Output LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com